Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2997 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2997
Description  DDR-II Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2997 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2997 Datasheet HTML 4Page - National Semiconductor (TI) LP2997 Datasheet HTML 5Page - National Semiconductor (TI) LP2997 Datasheet HTML 6Page - National Semiconductor (TI) LP2997 Datasheet HTML 7Page - National Semiconductor (TI) LP2997 Datasheet HTML 8Page - National Semiconductor (TI) LP2997 Datasheet HTML 9Page - National Semiconductor (TI) LP2997 Datasheet HTML 10Page - National Semiconductor (TI) LP2997 Datasheet HTML 11Page - National Semiconductor (TI) LP2997 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Thermal Dissipation (Continued)
top side of the board can also help. With careful layout it is
possible to reduce the
θ
JA further than the nominal values
shown in Figure 1
Optimizing the
θ
JA and placing the LP2997 in a section of a
board exposed to lower ambient temperature allows the part
to operate with higher power dissipation. The internal power
dissipation can be calculated by summing the three main
sources of loss: output current at V
TT, either sinking or
sourcing, and quiescent current at AVIN and VDDQ. During
the active state (when shutdown is not held low) the total
internal power dissipation can be calculated from the follow-
ing equations:
P
D =PAVIN +PVDDQ +PVTT
Where,
P
AVIN =IAVIN *VAVIN
P
VDDQ =VVDDQ *IVDDQ =VVDDQ2 xRVDDQ
To calculate the maximum power dissipation at V
TT both
conditions at V
TT need to be examined, sinking and sourcing
current. Although only one equation will add into the total,
V
TT cannot source and sink current simultaneously.
P
VTT =VVTT xILOAD (Sinking) or
P
VTT =(VPVIN -VVTT)xILOAD (Sourcing)
The power dissipation of the LP2997 can also be calculated
during the shutdown state. During this condition the output
V
TT will tri-state, therefore that term in the power equation
will disappear as it cannot sink or source any current (leak-
age is negligible). The only losses during shutdown will be
the reduced quiescent current at AVIN and the constant
impedance that is seen at the VDDQ pin.
P
D =PAVIN +PVDDQ
P
AVIN =IAVIN xVAVIN
P
VDDQ =VVDDQ *IVDDQ =VVDDQ2 xRVDDQ
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com