Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3MB Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # US3MB
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

US3MB Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  US3MB Datasheet HTML 1Page - Diode Semiconductor Korea US3MB Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
MECHANICAL DATA
Ratings at 25
oC ambient temperature unless otherwise specified
US3DB US3GB US3JB US3KB US3MB
US3DB US3GB US3JB US3KB US3MB
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectif ied current at
T
L=110
OC
IF(AV)
A
Peak f orw ard surge current 8.3ms single half -
sine-w ave superimposed on rated load(JEDEC
Method)
IFSM
A
Maximum instantaneous f orw ard voltage at 3A
VF
V
Maximum DC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=125
oC
Maximum reverse recovery time at I
F=0.5A
I
R=1.0A Irr=0.25A
trr
ns
Typical junction capacitance at 4.0V,1MH
Z
CJ
pF
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
-55--------+150
UNITS
50
100
35
70
50
100
US3AB
70
500
-55--------+150
10.0
IR
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm)copper pad area
75
US 3 AB---US 3 MB
1111REVERSE VOLTAGE: 50 - 1000 V
FORWARD CURRENT: 3.0 A
◇ Built-in strain relief,ideal for autom ated placem ent
Device marking code
SURFACE MOUNT RECTIFIERS
◇ Plastic package has Underwriters Laboratories
vvvvvFlam mability Clas s ification 94V-0
◇ For surface mount applications
DO-214AA(SMB)
Maximum thermal resistance (NOTE1)
oC/W
US3BB
◇ High temperature soldering:
111 250oC/10 s econds on terminals
US3AB
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.003 ounces, 0.093 gram
μA
◇ Term inals:Solder Plated, solderable per MIL-STD-750,
1111Method 2026
50
100.0
50
1.0
1.7
3.0
US3BB
◇ Low forward voltage,low power loss
◇ Low profile package
◇ Easy pick and place
◇ Ultrafast recovery times for high efficiency
◇ Case:JEDEC DO-214AA,molded plastic body over
111 passivated chip
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in millimeters
RθJA
25
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - US3MB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US3MB PACELEADER-US3MB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US3MB LUGUANG-US3MB Datasheet
173Kb / 2P
Surface Mount Rectifiers
logo
SUNMATE electronic Co.,...
US3MB SUNMATE-US3MB Datasheet
397Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
US3MB BILIN-US3MB Datasheet
200Kb / 3P
Surface Mount Rectifiers
logo
Shenzhen Yixinwei Techn...
US3MB YIXIN-US3MB Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
More results

Similar Description - US3MB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com