Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM339PW
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339PW Datasheet(HTML) 1 Page - Texas Instruments

  LM339PW Datasheet HTML 1Page - Texas Instruments LM339PW Datasheet HTML 2Page - Texas Instruments LM339PW Datasheet HTML 3Page - Texas Instruments LM339PW Datasheet HTML 4Page - Texas Instruments LM339PW Datasheet HTML 5Page - Texas Instruments LM339PW Datasheet HTML 6Page - Texas Instruments LM339PW Datasheet HTML 7Page - Texas Instruments LM339PW Datasheet HTML 8Page - Texas Instruments LM339PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM139, LM139A, LM239, LM239A,
LM339, LM339A, LM2901, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006L − OCTOBER 1979 − REVISED JUNE 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single Supply or Dual Supplies
D Wide Range of Supply Voltage:
− Max Rating ...2 V to 36 V
− Tested to 30 V . . . Non-V Devices
− Tested to 32 V ...V-Suffix Devices
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.8 mA Typ
D Low Input Bias Current . . . 25 nA Typ
D Low Input Offset Current ...3 nA Typ
(LM139)
D Low Input Offset Voltage ...2 mV Typ
D Common-Mode Input Voltage Range
Includes Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . .
±36 V
D Low Output Saturation Voltage
D Output Compatible With TTL, MOS, and
CMOS
description/ordering information
These devices consist of four independent
voltage comparators that are designed to operate
from a single power supply over a wide range of
voltages. Operation from dual supplies also is
possible as long as the difference between the two
supplies is 2 V to 36 V, and VCC is at least 1.5 V
more positive than the input common-mode
voltage. Current drain is independent of the
supply voltage. The outputs can be connected to
other
open-collector
outputs
to
achieve
wired-AND relationships.
The LM139 and LM139A are characterized for operation over the full military temperature range of
−55
°C to 125°C. The LM239 and LM239A are characterized for operation from −25°C to 125°C. The LM339
and LM339A are characterized for operation from 0
°C to 70°C. The LM2901 is characterized for operation from
−40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN−
2IN+
1IN−
1IN+
OUT3
OUT4
GND
4IN+
4IN−
3IN+
3IN−
LM139, LM139A . . . D, J, OR W PACKAGE
LM239 . . . D, N, OR PW PACKAGE
LM239A ...D PACKAGE
LM339, LM339A . . . D, DB, N, NS, OR PW PACKAGE
LM2901 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN+
NC
4IN−
VCC
NC
2IN−
NC
2IN+
LM139, LM139A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LM339PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339PW TI-LM339PW Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM339PW TI-LM339PW Datasheet
743Kb / 25P
QUAD DIFFERENTIAL COMPARATORS
LM339PW TI1-LM339PW Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM339PW TI-LM339PW Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM339PW TI1-LM339PW Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM339PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
Quad Differential Comparators
logo
Texas Instruments
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
Quad Differential Comparators
LM139A-MIL TI1-LM139A-MIL Datasheet
477Kb / 19P
Quad Differential Comparators
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com