Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1102 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1102 Datasheet HTML 1Page - Maxim Integrated Products MAX1102 Datasheet HTML 2Page - Maxim Integrated Products MAX1102 Datasheet HTML 3Page - Maxim Integrated Products MAX1102 Datasheet HTML 4Page - Maxim Integrated Products MAX1102 Datasheet HTML 5Page - Maxim Integrated Products MAX1102 Datasheet HTML 6Page - Maxim Integrated Products MAX1102 Datasheet HTML 7Page - Maxim Integrated Products MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
8-Bit CODECs
0
100
50
200
150
250
300
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(ADC ENABLED, DAC DISABLED)
SUPPLY VOLTAGE (V)
CODE = AAhex
0
150
50
250
200
300
350
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(DAC ENABLED, ADC DISABLED)
SUPPLY VOLTAGE (V)
CODE = FFhex
100
CODE = 00hex
0
400
350
450
500
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(ADC ENABLED, DAC ENABLED)
SUPPLY VOLTAGE (V)
DAC CODE = FFhex
200
150
250
300
50
100
DAC CODE = 00hex
ADC CODE = AAhex
20
15
10
5
0
2.5
4.0
3.0
3.5
4.5
5.0
5.5
SHUTDOWN SUPPLY CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
ADC and DAC OFF
REFERENCE ON
ADC, DAC, and
REFERENCE OFF
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.5
3.0
4.0
4.5
5.0
5.5
ADC OFFSET ERROR vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
6
8
7
9
10
2.5
3.5
3.0
4.0
4.5
5.0
5.5
DAC OFFSET ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CODE = 0Ahex
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.5
3.5
3.0
4.0
4.5
5.0
5.5
ADC GAIN ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VREF = 2.0V
CODE = FFhex
0
3
2
1
4
5
6
7
8
9
10
-40
10
-15
35
60
85
ADC GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
VREF = 2.0V
CODE = 7Fhex
0
3
2
1
4
5
6
7
8
9
10
2.5
3.5
3.0
4.0
4.5
5.0
DAC GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
VREF = 2.0V
CODE = FFhex
Typical Operating Characteristics
(VDD = +3.0V (MAX1102), VDD = +5V (MAX1103), fSCLK = 6.0MHz (50% duty cycle), ROUT = 10k
Ω, COUT = 100pF, TA = +25°C,
unless otherwise noted.)
_______________________________________________________________________________________
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com