Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339APW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM339APW
Description  QUAD DIFFERENTIAL COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339APW Datasheet(HTML) 2 Page - Texas Instruments

  LM339APW Datasheet HTML 1Page - Texas Instruments LM339APW Datasheet HTML 2Page - Texas Instruments LM339APW Datasheet HTML 3Page - Texas Instruments LM339APW Datasheet HTML 4Page - Texas Instruments LM339APW Datasheet HTML 5Page - Texas Instruments LM339APW Datasheet HTML 6Page - Texas Instruments LM339APW Datasheet HTML 7Page - Texas Instruments LM339APW Datasheet HTML 8Page - Texas Instruments LM339APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM139, LM139A, LM239, LM239A,
LM339, LM339A, LM2901, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006L − OCTOBER 1979 − REVISED JUNE 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
MAX VCC
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
LM339N
LM339N
SOIC (D)
Tube of 50
LM339D
LM339
SOIC (D)
Reel of 2500
LM339DR
LM339
5 mV
30 V
SOP (NS)
Reel of 2000
LM339NSR
LM339
5 mV
30 V
SSOP (DB)
Reel of 2000
LM339DBR
LM339
TSSOP (PW)
Tube of 90
LM339PW
L339
0
°C to 70°C
TSSOP (PW)
Reel of 2000
LM339PWR
L339
0
°C to 70°C
PDIP (N)
Tube of 25
LM339AN
LM339AN
SOIC (D)
Tube of 50
LM339AD
LM339A
SOIC (D)
Reel of 2500
LM339ADR
LM339A
2 mV
30 V
SOP (NS)
Reel of 2000
LM339ANSR
LM339A
2 mV
30 V
SSOP (DB)
Reel of 2000
LM339ADBR
L339A
TSSOP (PW)
Tube of 90
LM339APW
L339A
TSSOP (PW)
Reel of 2000
LM339APWR
L339A
PDIP (N)
Tube of 25
LM239N
LM239N
SOIC (D)
Tube of 50
LM239D
LM239
5 mV
30 V
SOIC (D)
Reel of 2500
LM239DR
LM239
−25
°C to 85°C
5 mV
30 V
TSSOP (PW)
Tube of 90
LM239PW
L239
−25 C to 85 C
TSSOP (PW)
Reel of 2000
LM239PWR
L239
2 mV
30 V
SOIC (D)
Tube of 50
LM239AD
LM239A
2 mV
30 V
SOIC (D)
Reel of 2500
LM239ADR
LM239A
PDIP (N)
Tube of 25
LM2901N
LM2901N
SOIC (D)
Tube of 50
LM2901D
LM2901
7 mV
30 V
SOIC (D)
Reel of 2500
LM2901DR
LM2901
7 mV
30 V
SOP (NS)
Reel of 2000
LM2901NSR
LM2901
−40
°C to 125°C
TSSOP (PW)
Tube of 90
LM2901PW
L2901
−40
°C to 125°C
TSSOP (PW)
Reel of 2000
LM2901PWR
L2901
7 mV
32 V
SOIC (D)
Reel of 2500
LM2901VQDR
L2901V
7 mV
32 V
TSSOP (PW)
Reel of 2000
LM2901VQPWR
L2901V
2 mV
32 V
SOIC (D)
Reel of 2500
LM2901AVQDR
L2901AV
2 mV
32 V
TSSOP (PW)
Reel of 2000
LM2901AVQPWR
L2901AV
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com