Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC367 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC367
Description  HEX BUFFERS AND LINE DRIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HC367 Datasheet(HTML) 1 Page - Texas Instruments

  HC367 Datasheet HTML 1Page - Texas Instruments HC367 Datasheet HTML 2Page - Texas Instruments HC367 Datasheet HTML 3Page - Texas Instruments HC367 Datasheet HTML 4Page - Texas Instruments HC367 Datasheet HTML 5Page - Texas Instruments HC367 Datasheet HTML 6Page - Texas Instruments HC367 Datasheet HTML 7Page - Texas Instruments HC367 Datasheet HTML 8Page - Texas Instruments HC367 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54HC367, SN74HC367
HEX BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS309D − JANUARY 1996 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current 3-State Outputs Drive Bus
Lines, Buffer Memory Address Registers,
or Drive Up To 15 LSTTL Loads
D True Outputs
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 10 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
These hex buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. The ’HC367 devices are organized
as dual 4-line and 2-line buffers/drivers with
active-low output-enable (1OE and 2OE) inputs.
When OE is low, the device passes noninverted
data from the A inputs to the Y outputs. When OE
is high, the outputs are in the high-impedance
state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC367N
SN74HC367N
Tube of 40
SN74HC367D
SOIC − D
Reel of 2500
SN74HC367DR
HC367
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC367DT
HC367
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC367NSR
HC367
Tube of 90
SN74HC367PW
TSSOP − PW
Reel of 2000
SN74HC367PWR
HC367
TSSOP − PW
Reel of 250
SN74HC367PWT
HC367
CDIP − J
Tube of 25
SNJ54HC367J
SNJ54HC367J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC367W
SNJ54HC367W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC367FK
SNJ54HC367FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2A2
2Y2
NC
2A1
2Y1
1Y1
1A2
NC
1Y2
1A3
SN54HC367 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
1A1
1Y1
1A2
1Y2
1A3
1Y3
GND
VCC
2OE
2A2
2Y2
2A1
2Y1
1A4
1Y4
SN54HC367 ...J OR W PACKAGE
SN74HC367 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - HC367

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
HC361 ALTERA-HC361 Datasheet
582Kb / 26P
HardCopy III Device
HC362 ALTERA-HC362 Datasheet
582Kb / 26P
HardCopy III Device
logo
System Logic Semiconduc...
HC365 SLS-HC365 Datasheet
46Kb / 5P
Hex 3-State Noninverting Buffer with Common Enables
logo
Texas Instruments
HC368 TI1-HC368 Datasheet
1Mb / 19P
HEX INVERTING BUFFERS AND LINE DRIVERS
More results

Similar Description - HC367

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI1-SN54HC365_15 Datasheet
1Mb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI1-SN54HC368_16 Datasheet
1Mb / 19P
HEX INVERTING BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com