Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4682 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4682
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4682 Datasheet HTML 1Page - Micrel Semiconductor MIC4682 Datasheet HTML 2Page - Micrel Semiconductor MIC4682 Datasheet HTML 3Page - Micrel Semiconductor MIC4682 Datasheet HTML 4Page - Micrel Semiconductor MIC4682 Datasheet HTML 5Page - Micrel Semiconductor MIC4682 Datasheet HTML 6Page - Micrel Semiconductor MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC4682
Micrel
October 2003
2
M0334-102203
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
MIC4682BM
Adjustable
–40
°C to +125°C
8-lead SOP
Pin Description
Pin Number
Pin Name
Pin Function
1
FB
Feedback (Input): Output voltage sense node. Connect to 1.23V-tap of the
output voltage-divider network.
2, 6, 7
GND
Ground (Return): Ground
3
ISET
Current Limit Set (Input): Connect an external resistor to ground to set the
current limit. Do not ground or float this pin.
4
SHDN
Shutdown (Input): Logic low (<0.8V) enables regulator. Logic high (>2V)
shuts down regulator.
5
IN
Supply Voltage (Input): Unregulated +4V to +34V supply voltage.
8
SW
Switch (Output): Internal power emitter of NPN output switch.
Pin Configuration
1
FB
GND
ISET
SHDN
8SW
GND
GND
IN
7
6
5
2
3
4
Power SOP-8 (M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com