Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGP30C Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # FGP30C
Description  GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FGP30C Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  FGP30C Datasheet HTML 1Page - SUNMATE electronic Co., LTD FGP30C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Ratings and Characteristics Curves (TA = 25 °C unless otherwise specified)
Figure 1. Maximum Forward Current Derating Curve
3,5
3
2,5
2
1,5
1
0,5
0
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60 HZ
1
10
100
25
50
75
100
125
150
0
TJ =TJ max.
8.3ms Single Half Sine-Wave
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
Tj = 175 °C
Tj = 25 °C
Tj = 150 °C
Tj = 125 °C
0,2
0,4
0,8
1
1,2
0,6
100
10
1
0,1
0,01
Instantaneous Forward Voltage (V)
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
Tj = 175 °C
Tj = 150 °C
Tj = 25 °C
100
10
1
0,1
0,01
0,001
Tj = 125 °C
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
Reverse Voltage (V)
1000
100
10
1
0,1
1
10
100
1
10
100
tp-Pulse Duration (sec)
0,01
0,1
1
10
100
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com