Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB12S Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MB12S
Description  Surface Mount Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB12S Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MB12S Datasheet HTML 1Page - Bruckewell Technology LTD MB12S Datasheet HTML 2Page - Bruckewell Technology LTD MB12S Datasheet HTML 3Page - Bruckewell Technology LTD MB12S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MB12S-110S
Surface Mount Schottky Bridge Rectifiers
REVERSE VOLTAGE: 20 - 100 V
Publication Order Number: [MB12S-110S]
© Bruckewell Technology Corporation Rev. A -2014
■RATING AND CHARACTERISTIC CURVES
FIG. 1 FORWARD DERATING CURVE
FIG. 2 PEAK FORWARD SURGE CURRENT
FIG. 3 TYPICAL FORWARD
CHARACTERISTICS
FIG. 4 TYPICAL REVERSE
CHARACTERISTICS
FIG. 5 TYPICAL REVERSE
CHARACTERISTICS
FIG. 6 A TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com