Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1794 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1794
Description  24BIT 192KHZ SAMPLING , ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1794 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1794 Datasheet HTML 9Page - Texas Instruments PCM1794 Datasheet HTML 10Page - Texas Instruments PCM1794 Datasheet HTML 11Page - Texas Instruments PCM1794 Datasheet HTML 12Page - Texas Instruments PCM1794 Datasheet HTML 13Page - Texas Instruments PCM1794 Datasheet HTML 14Page - Texas Instruments PCM1794 Datasheet HTML 15Page - Texas Instruments PCM1794 Datasheet HTML 16Page - Texas Instruments PCM1794 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PCM1794
SLES080B – MAY 2003 – REVISED NOVEMBER 2003
www.ti.com
13
SYSTEM CLOCK AND RESET FUNCTIONS
System Clock Input
The PCM1794 requires a system clock for operating the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input (pin 7). The PCM1794 has a system clock detection circuit
that automatically senses the frequency at which the system clock is operating. Table 1 shows examples of system
clock frequencies for common audio sampling rates.
Figure 18 shows the timing requirements for the system clock input. For optimal performance, it is important to use
a clock source with low phase jitter and noise. One of the Texas Instruments PLL1700 family of multiclock generators
is an excellent choice for providing the PCM1794 system clock.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY
SYSTEM CLOCK FREQUENCY (FSCK) (MHz)
SAMPLING FREQUENCY
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
32 kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1 kHz
5.6488
8.4672
11.2896
16.9344
22.5792
33.8688
48 kHz
6.144
9.216
12.288
18.432
24.576
36.864
96 kHz
12.288
18.432
24.576
36.864
49.152
73.728
192 kHz
24.576
36.864
49.152
73.728
(1)
(1)
(1) This system clock rate is not supported for the given sampling frequency.
t(SCKH)
t(SCY)
System Clock (SCK)
t(SCKL)
2.0 V
0.8 V
H
L
PARAMETERS
MIN
MAX
UNITS
t(SCY)
System clock pulse cycle time
13
ns
t(SCKH) System clock pulse duration, HIGH
0.4t(SCY)
ns
t(SCKL) System clock pulse duration, LOW
0.4t(SCY)
ns
Figure 18. System Clock Input Timing
Power-On and External Reset Functions
The PCM1794 includes a power-on reset function. Figure 19 shows the operation of this function. With VDD > 2 V,
the power-on reset function is enabled. The initialization sequence requires 1024 system clocks from the time
VDD > 2 V.
The PCM1794 also includes an external reset capability using the RST input (pin 14). This allows an external
controller or master reset circuit to force the PCM1794 to initialize to its default reset state.
Figure 20 shows the external reset operation and timing. The RST pin is set to logic 0 for a minimum of 20 ns. The
RST pin is then set to a logic 1 state, thus starting the initialization sequence, which requires 1024 system clock
periods. The external reset is especially useful in applications where there is a delay between the PCM1794 power
up and system clock activation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com