Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V2 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MM3Z2V2
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM3Z2V2 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MM3Z2V2 Datasheet HTML 1Page - EIC discrete Semiconductors MM3Z2V2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Test
Test
Current
Current
IZT
ZZ @ IZ
IZ
Min.
Nom.
Max.
(mA)
(
Ω)
(mA)
(
μA)
(V)
MM3Z2V0
B0
1.8
2.0
2.15
5.0
100
5.0
120
0.5
MM3Z2V2
C0
2.08
2.2
2.33
5.0
100
5.0
120
0.7
MM3Z2V4
1C
2.28
2.4
2.56
5.0
100
5.0
120
1.0
MM3Z2V7
1D
2.5
2.7
2.9
5.0
110
5.0
120
1.0
MM3Z3V0
1E
2.8
3.0
3.2
5.0
120
5.0
50
1.0
MM3Z3V3
1F
3.1
3.3
3.5
5.0
130
5.0
20
1.0
MM3Z3V6
1H
3.4
3.6
3.8
5.0
130
5.0
10
1.0
MM3Z3V9
1J
3.7
3.9
4.1
5.0
130
5.0
5.0
1.0
MM3Z4V3
1K
4.0
4.3
4.6
5.0
130
5.0
5.0
1.0
MM3Z4V7
1M
4.4
4.7
5.0
5.0
130
5.0
2.0
1.0
MM3Z5V1
1N
4.8
5.1
5.4
5.0
130
5.0
2.0
1.5
MM3Z5V6
1P
5.2
5.6
6.0
5.0
80
5.0
1.0
2.5
MM3Z6V2
1R
5.8
6.2
6.6
5.0
50
5.0
1.0
3.0
MM3Z6V8
1X
6.4
6.8
7.2
5.0
30
5.0
0.5
3.5
MM3Z7V5
1Y
7.0
7.5
7.9
5.0
30
5.0
0.5
4.0
MM3Z8V2
1Z
7.7
8.2
8.7
5.0
30
5.0
0.5
5.0
MM3Z9V1
2A
8.5
9.1
9.6
5.0
30
5.0
0.5
6.0
MM3Z10
2B
9.4
10
10.6
5.0
30
5.0
0.1
7.0
MM3Z11
2C
10.4
11
11.6
5.0
30
5.0
0.1
8.0
MM3Z12
2D
11.4
12
12.7
5.0
35
5.0
0.1
9.0
MM3Z13
2E
12.4
13
14.1
5.0
35
5.0
0.1
10
MM3Z15
2F
13.8
15
15.8
5.0
40
5.0
0.1
11
MM3Z16
2H
15.3
16
17.1
5.0
40
5.0
0.1
12
MM3Z18
2J
16.8
18
19.1
5.0
45
5.0
0.1
13
MM3Z20
2K
18.8
20
21.2
5.0
50
5.0
0.1
15
MM3Z22
2M
20.8
22
23.3
5.0
55
5.0
0.1
17
MM3Z24
2N
22.8
24
25.6
5.0
60
2.0
0.1
19
MM3Z27
2P
25.1
27
28.9
5.0
70
2.0
0.1
21
MM3Z30
2R
28
30
32
5.0
80
2.0
0.1
23
MM3Z33
2X
31
33
35
5.0
80
2.0
0.1
25
MM3Z36
2Y
34
36
38
5.0
90
2.0
0.1
27
MM3Z39
2Z
37
39
41
2.5
100
2.0
2.0
30
MM3Z43
3A
40
43
46
2.5
130
2.0
2.0
33
MM3Z47
3B
44
47
50
2.5
150
2.0
2.0
36
MM3Z51
3C
48
51
54
2.5
180
2.0
1.0
39
MM3Z56
3D
52
56
60
2.5
180
2.0
1.0
43
MM3Z62
3E
58
62
66
2.5
200
2.0
0.2
47
MM3Z68
3F
64
68
72
2.5
250
2.0
0.2
52
MM3Z75
3H
70
75
79
2.5
300
2.0
0.2
57
Notes :
(1) Vz is tested with pulses (20 ms).
(2) Zz is measured at Iz by given a very small A.C. current signal.
Page 2 of 2
Rev. 06 : November 16, 2012
Zener
Impedance
(2)
Leakage Current
Type No.
IR
@
V R
VZ @
IZT
(V)
Zener Voltage
(1)
Marking
www.eicsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com