Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # HZ2
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HZ2 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  HZ2 Datasheet HTML 1Page - EIC discrete Semiconductors HZ2 Datasheet HTML 2Page - EIC discrete Semiconductors HZ2 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( HZ Series )
FIG.1 - POWER DISSIPATION vs.
FIG.2 - TEMPERATURE COEFFICIENT vs.
ZENER VOLTAGE
ZENER VOLTAGE
0
25
50
75
100
125
150
175
5
10
15
20
25
30
35
40
AMBIENT TEMPERATURE, Ta (
°C)
ZENER VOLTAGE, VZ (V)
FIG.3 - ZENER CURRENT vs. ZENER VOLTAGE
Page 3 of 3
Rev. 08 : June 30, 2014
400
300
200
100
500
0
0.10
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.10
%/°C
mV/°C
ZENER VOLTAGE, V
Z (V)
10-2
0
5
10
15
20
25
30
35
40
10-3
10-4
10-5
10-6
10-7
10-8
www.eicsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com