Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD9FN5.0C Datasheet(PDF) 2 Page - Formosa MS

Part # ESD9FN5.0C
Description  Chip Transient Voltage Suppressor ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ESD9FN5.0C Datasheet(HTML) 2 Page - Formosa MS

  ESD9FN5.0C Datasheet HTML 1Page - Formosa MS ESD9FN5.0C Datasheet HTML 2Page - Formosa MS ESD9FN5.0C Datasheet HTML 3Page - Formosa MS ESD9FN5.0C Datasheet HTML 4Page - Formosa MS ESD9FN5.0C Datasheet HTML 5Page - Formosa MS ESD9FN5.0C Datasheet HTML 6Page - Formosa MS ESD9FN5.0C Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only.
Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to
stresses above the Recommended Operating Conditions may affect device reliability.
Maximum ratings (at T =25 C unless otherwise noted)
A
o
PARAMETER
CONDITIONS
Peak pulse power
Peak pulse current
tp = 8/20us
Symbol
MIN.
TYP.
MAX.
UNIT
PPP
IPP
W
A
KV
75
5
Storage temperature range
T
STG
OC
+150
-55
Operating junction temperature range
TJ
OC
+125
-55
ESD per IEC 61000-4-2
Air discharge
Contact discharge
ESD
±16
±8
Package outline
•
•
•
•
•
Epoxy: UL94-V0 rated flame retardant
Case: Molded plastic,0402
Terminals: Golden Plated terminals,
solderable per MIL-STD-750,Method 2026
Marking Code: H
Weight: Approximated 0.001gram
Mechanical data
•
•
•
•
•
Small body outline dimensions:
0.039” X 0.024” (1.0mm X 0.60mm).
Low leakage current.
Provide transient protection:
IEC 61000-4-2
Level 4
Halogen free (IEC61249-2-21)
(ESD)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Surge) (8/20us)
Suffix
H indicates Halogen free parts ex
SD9F 5 0C H
"- "
-
,
. Ε
Ν .
- .
Features
Over voltage available upon request.
1. V
is measured with a pulse test current I at anambient temperature of 25 C.
2.Surge current waveform per Figure 1.
BR
T
O
Electrical characteristics (at T =25 C unless otherwise noted)
A
o
Part No.
ESD9FN5.0C
1.0
5.0
15
20
6.0
2.0
Max.
I(uA)
@V
R
RWM
V (V)
@I
BR
T
I (mA)
T
C(pF)
@V =0V,F=1MHz
J
R
V (V)
@I
C
PP=5A
V
(V)
RWM
Max.
Min.
Max.
Formosa MS
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Max.
Schematic & Pin Configuration
75W Surface Mount TVS
For ESD
- 5.0V
Bi-directional
Protection
Chip Transient Voltage Suppressor ESD Protection
ESD9FN5.0C
Dimensions in inches and (millimeters)
0402
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.012(0.30)Typ.
0.0138(0.35) Typ.
0.0177(0.45) Typ.
0.022(0.55)
0.018(0.45)
tp = 8/20us (IEC 61000-4-5)
Document ID
Issued Date
Revised Date
Revision
Page.
2011/11/25
E
7
DS-121851
2015/12/11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com