Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP601 Datasheet(PDF) 3 Page - Formosa MS

Part # MP601
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MP601 Datasheet(HTML) 3 Page - Formosa MS

  MP601 Datasheet HTML 1Page - Formosa MS MP601 Datasheet HTML 2Page - Formosa MS MP601 Datasheet HTML 3Page - Formosa MS MP601 Datasheet HTML 4Page - Formosa MS MP601 Datasheet HTML 5Page - Formosa MS MP601 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
0.1
1.0
.01
10
50
Rating and characteristic curves (MP6005 THRU MP610)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
1.0
2.0
3.0
4.0
5.0
6.0
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
100
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.8
1.0
1.2 1.4
1.6
1.8
2.0
T =25 C
J
T =25 C
J
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
50
25
75
150
125
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
100
Document ID
Issued Date
RevisedDate
Revision
Page.
DS-242146
2009/08/10
-
A
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com