Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP606 Datasheet(PDF) 2 Page - Formosa MS

Part # MP606
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MP606 Datasheet(HTML) 2 Page - Formosa MS

  MP606 Datasheet HTML 1Page - Formosa MS MP606 Datasheet HTML 2Page - Formosa MS MP606 Datasheet HTML 3Page - Formosa MS MP606 Datasheet HTML 4Page - Formosa MS MP606 Datasheet HTML 5Page - Formosa MS MP606 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6.0A Miniature Glass Passivated
Single-Phase Bridge
Rectifiers-50-1000V
Features
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "-H" indicates Halogen-free part, ex.MP6005-H.
Lead-free parts meet RoHS requirments.
• UL recognized file # E321971
•
•
•
•
•
•
•
Mechanical data
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, MP-6
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight: Approximated 7.00 grams
Package outline
Page 2
MP6005
MP601
MP602
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
V
F
(V)
*4
MP604
MP606
400
600
280
420
-55 to +150
MP608
MP610
800
1000
560
700
50
100
200
400
600
800
1000
1.0
Bridge Rectifier
Formosa MS
O
(C)
Operating
temperature
T,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
o
Maximum ratings (AT T =25 C unless otherwise noted)
A
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
A
A
uA
6.0
125
10
O
V
= V
T = 25 C
R
RRM
A
O
V
= V
T = 100 C
R
RRM
A
1000
Storage temperature
T
STG
OC
+175
-65
MP6005 THRU MP610
Dimensions in inches and (millimeters)
MP-6
.445(11.3)
.405(10.3)
.620(15.7)
.580(14.7)
.445(11.3)
.405(10.3)
.157(4.0)
.142(3.6)
hole for #6 screw
.750(19.0)
Min.
.276(7.0)
.236(6.0)
.042(1.07)
.038(0.97)
Metal Heat Sink
Document ID
Issued Date
RevisedDate
Revision
Page.
DS-242146
2009/08/10
-
A
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com