Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS78LS120W/883 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS78LS120W/883
Description  Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS78LS120W/883 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS78LS120W/883 Datasheet HTML 1Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 2Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 3Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 4Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 5Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 6Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 7Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 8Page - National Semiconductor (TI) DS78LS120W/883 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Application Hints (Continued)
TRANSMISSION LINE TERMINATION
On a transmission line which is electrically long, it is advis-
able to terminate the line in its characteristic impedance to
prevent signal reflection and its associated noise/cross-talk.
A 180
Ω termination resistor is provided in the DS78LS120
line receiver. To use the termination resistor, connect pins 2
and 3 together and pins 13 and 14 together. The 180
Ω
resistor provides a good compromise between line reflec-
tions, power dissipation in the driver, and IR drop in the
transmission line. If power dissipation and IR drop are still a
concern, a capacitor may be connected in series with the
resistor to minimize power loss.
The value of the capacitor is recommended to be the line
length (time) divided by 3 times the resistor value. Example:
if the transmission line is 1,000 feet long, (approximately
1000 ns), and the termination resistor value is 180
Ω, the
capacitor value should be 1852 pF. For additional application
details, refer to application notes AN-22 and AN-108.
FAIL-SAFE OPERATION
Communication systems require elements of a system to
detect the presence of signals in the transmission lines, and
it is desirable to have the system shut-down in a fail-safe
mode if the transmission line is open or shorted. To facilitate
the detection of input opens or shorts, the DS78LS120 in-
corporates an input threshold voltage offset. This feature will
force the line receiver to a specific logic state if presence of
either fault is a condition.
Given that the receiver input threshold is ±200 mV, an input
signal greater than ±200 mV insures the receiver will be in a
specific logic state. When the offset control input (pins 1 and
15) is connected to V
CC = 5V, the input thresholds are offset
from 200 mV to 700 mV, referred to the non-inverting input,
or −200 mV to −700 mV, referred to the inverting input.
Therefore, if the input is open or shorted, the input will be
greater than the input threshold and the receiver will remain
in a specified logic state.
The input circuit of the receiver consists of a 5k resistor
terminated to ground through 120
Ω on both inputs. This
network acts as an attenuator, and permits operation with
common-mode input voltages greater than ±15V. The offset
control input is actually another input to the attenuator, but its
resistor value is 56k. The offset control input is connected to
the inverting input side of the attenuator, and the input
voltage to the amplifier is the sum of the inverting input plus
0.09 times the voltage on the offset control input. When the
offset control input is connected to 5V the input amplifier will
see V
IN(INVERTING) +0.45V or VIN(INVERTING) +0.9V when the
control input is connected to 10V. The offset control input will
not significantly affect the differential performance of the
receiver over its common-mode operating range, and will not
change the input impedance balance of the receiver.
It is recommended that the receiver be terminated (500
Ω or
less) to insure it will detect an open circuit in the presence of
noise.
The offset control can be used to insure fail-safe operation
for unbalanced interface (RS-423) or for balanced interface
(RS-422) operation.
For unbalanced operation, the receiver would be in an inde-
terminate logic state if the offset control input was open.
Connecting the fail-safe offset pin to 5V, offsets the receiver
threshold to 0.45V. The output is forced to a logic zero state
if the input is open or shorted.
Unbalanced RS-423 and RS-232 Fail-Safe
00749911
00749910
FIGURE 2.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com