Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8673 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8673
Description  Low Power VHF/UHF Prescalers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8673 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8673 Datasheet HTML 1Page - National Semiconductor (TI) DS8673 Datasheet HTML 2Page - National Semiconductor (TI) DS8673 Datasheet HTML 3Page - National Semiconductor (TI) DS8673 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Output Voltage
VCC a 05V
Operating Free Air Temperature Range
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
ESD rating is to be determined
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Power Supply Voltage Range
45
55
V
FIN
Input Frequency Range
VIN Min
80
1000
MHz
VIN
Input Sensitivity into 50X
80 MHz
20
200
300 MHz
20
200
500 MHz
20
200
mV rms
700 MHz
20
200
1 GHz
20
200
DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Power Supply Current
VCC e 55V
25
35
mA
VOUT
Output Voltage Swing
Peak-to-Peak
08
12
16
V
(no load)
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Typical Applications
Typical Wiring Configuration
TLF9340 – 3
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com