Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA105AM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA105AM
Description  Precision Unity Gain DIFFERENTIAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA105AM Datasheet(HTML) 2 Page - Texas Instruments

  INA105AM Datasheet HTML 1Page - Texas Instruments INA105AM Datasheet HTML 2Page - Texas Instruments INA105AM Datasheet HTML 3Page - Texas Instruments INA105AM Datasheet HTML 4Page - Texas Instruments INA105AM Datasheet HTML 5Page - Texas Instruments INA105AM Datasheet HTML 6Page - Texas Instruments INA105AM Datasheet HTML 7Page - Texas Instruments INA105AM Datasheet HTML 8Page - Texas Instruments INA105AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
INA105
2
INA105AM
INA105BM
INA105KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SPECIFICATIONS
ELECTRICAL
At +25
°C, V
CC = ±15V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
GAIN
Initial(1)
1
TT
V/V
Error
0.005
0.01
TT
0.01
0.025
%
vs Temperature
1
5
TT
T
T
ppm/
°C
Nonlinearity(2)
0.0002
0.001
TT
T
T
%
OUTPUT
Rated Voltage
IO = +20mA, –5mA
10
12
TT
TT
V
Rated Current
VO = 10V
+20, –5
TT
mA
Impedance
0.01
TT
Ω
Current Limit
To Common
+40/–10
TT
mA
Capacitive Load
Stable Operation
1000
TT
pF
INPUT
Impedance(3)
Differential
50
TT
k
Ω
Common-Mode
50
TT
k
Ω
Voltage Range(4)
Differential
±10
TT
V
Common-Mode
±20
TT
V
Common-Mode Rejection(5)
TA = TMIN to TMAX
80
90
86
100
72
T
dB
OFFSET VOLTAGE
RTO(6), (7)
Initial
50
250
TT
T
500
µV
vs Temperature
5
20
5
10
TT
µV/°C
vs Supply
±V
S = 6V to 18V
1
25
T
15
TT
µV/V
vs Time
20
TT
µV/mo
OUTPUT NOISE VOLTAGE
RTO(6), (8)
fB = 0.01Hz to 10Hz
2.4
TT
µVp-p
fO = 10kHz
60
TT
nV/
√Hz
DYNAMIC RESPONSE
Small Signal Bandwidth
–3dB
1
TT
MHz
Full Power Bandwidth
VO = 20Vp-p
30
50
TT
TT
kHz
Slew Rate
2
3
TT
TT
V/
µs
Settling Time: 0.1%
VO = 10V Step
4
TT
µs
0.01%
VO = 10V Step
5
TT
µs
0.01%
VCM = 10V Step, VDIFF = 0V
1.5
TT
µs
POWER SUPPLY
Rated
±15
TT
V
Voltage Range
Derated Performance
±5
±18
TT
T
T
V
Quiescent Current
VO = 0V
±1.5
±2
TT
T
T
mA
TEMPERATURE RANGE
Specification
–40
+85
TT
T
T
°C
Operation
–55
+125
TT
–40
+85
°C
Storage
–65
+150
TT
–40
+125
°C
T Specification same as for INA105AM.
NOTES: (1) Connected as difference amplifier (see Figure 4). (2) Nonlinearity is the maximum peak deviation from the best-fit straight line as a percent of full-scale peak-
to-peak output. (3) 25k
Ω resistors are ratio matched but have ±20% absolute value. (4) Maximum input voltage without protection is 10V more than either ±15V supply
(
±25V). Limit I
IN to 1mA. (5) With zero source impedance (see “Maintaining CMR” section). (6) Referred to output in unity-gain difference configuration. Note that this
circuit has a gain of 2 for the operational amplifier’s offset voltage and noise voltage. (7) Includes effects of amplifier’s input bias and offset currents. (8) Includes effects
of amplifier’s input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com