Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA101AM2 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA101AM2
Description  High Accuracy INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA101AM2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA101AM2 Datasheet HTML 3Page - Texas Instruments INA101AM2 Datasheet HTML 4Page - Texas Instruments INA101AM2 Datasheet HTML 5Page - Texas Instruments INA101AM2 Datasheet HTML 6Page - Texas Instruments INA101AM2 Datasheet HTML 7Page - Texas Instruments INA101AM2 Datasheet HTML 8Page - Texas Instruments INA101AM2 Datasheet HTML 9Page - Texas Instruments INA101AM2 Datasheet HTML 10Page - Texas Instruments INA101AM2 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
INA101AG
NRND
CDIP SB
JD
14
1
Green (RoHS &
no Sb/Br)
AU
N / A for Pkg Type
INA101AM
NRND
TO-100
LME
10
20
Green (RoHS &
no Sb/Br)
AU
N / A for Pkg Type
INA101AM2
OBSOLETE
TO-100
LME
10
TBD
Call TI
Call TI
INA101CM
NRND
TO-100
LME
10
100
Green (RoHS &
no Sb/Br)
AU
N / A for Pkg Type
INA101CM1
OBSOLETE
TO-100
LME
10
TBD
Call TI
Call TI
INA101HP
ACTIVE
PDIP
N
14
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
INA101HPG4
ACTIVE
PDIP
N
14
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
N / A for Pkg Type
INA101KU
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
INA101KU/1K
ACTIVE
SOIC
DW
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
INA101KU/1KE4
ACTIVE
SOIC
DW
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
INA101KUE4
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
INA101SG1
OBSOLETE
TO-100
LME
10
TBD
Call TI
Call TI
INA101SM
NRND
TO-100
LME
10
20
Green (RoHS &
no Sb/Br)
AU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
25-May-2009
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com