Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA114AP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA114AP
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA114AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA114AP Datasheet HTML 4Page - Texas Instruments INA114AP Datasheet HTML 5Page - Texas Instruments INA114AP Datasheet HTML 6Page - Texas Instruments INA114AP Datasheet HTML 7Page - Texas Instruments INA114AP Datasheet HTML 8Page - Texas Instruments INA114AP Datasheet HTML 9Page - Texas Instruments INA114AP Datasheet HTML 10Page - Texas Instruments INA114AP Datasheet HTML 11Page - Texas Instruments INA114AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
®
INA114
8
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA114. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 5
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR (G = 1).
SETTING THE GAIN
Gain of the INA114 is set by connecting a single external
resistor, R
G:
Commonly used gains and resistor values are shown in
Figure 1.
The 50k
Ω term in equation (1) comes from the sum of the
two internal feedback resistors. These are on-chip metal film
resistors which are laser trimmed to accurate absolute val-
FIGURE 1. Basic Connections.
G
= 1 + 50 kΩ
R
G
(1)
DESIRED
R
G
NEAREST 1% R
G
GAIN
(
Ω)(Ω)
1
No Connection
No Connection
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
ues. The accuracy and temperature coefficient of these
resistors are included in the gain accuracy and drift specifi-
cations of the INA114.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance which will contribute additional gain error (possi-
bly an unstable gain error) in gains of approximately 100 or
greater.
NOISE PERFORMANCE
The INA114 provides very low noise in most applications.
For differential source impedances less than 1k
Ω, the INA103
may provide lower noise. For source impedances greater
than 50k
Ω, the INA111 FET-input instrumentation ampli-
fier may provide lower noise.
Low frequency noise of the INA114 is approximately
0.4
µVp-p measured from 0.1 to 10Hz. This is approximately
one-tenth the noise of “low noise” chopper-stabilized ampli-
fiers.
A
1
A
2
A
3
6
25k
Ω
25k
Ω
25k
Ω
25k
Ω
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA114
G = 1 +
50k
Ω
R
G
–
+
5
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
Load
V
O = G • (VIN – VIN)
+
–
0.1µF
0.1µF
Pin numbers are
for DIP packages.
+
–
V
O
INA114
R
G
Also drawn in simplified form:
V
O
Ref
V
IN
–
V
IN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com