Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA131AP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA131AP
Description  Precision G = 100 INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA131AP Datasheet(HTML) 2 Page - Texas Instruments

  INA131AP Datasheet HTML 1Page - Texas Instruments INA131AP Datasheet HTML 2Page - Texas Instruments INA131AP Datasheet HTML 3Page - Texas Instruments INA131AP Datasheet HTML 4Page - Texas Instruments INA131AP Datasheet HTML 5Page - Texas Instruments INA131AP Datasheet HTML 6Page - Texas Instruments INA131AP Datasheet HTML 7Page - Texas Instruments INA131AP Datasheet HTML 8Page - Texas Instruments INA131AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
®
INA131
2
SPECIFICATIONS
At TA = +25°C, VS = ±15V, RL = 2kΩ, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
T Specification same as INA131BP.
NOTES: (1) R
L = 10kΩ. (2) Absolute value of internal gain-setting resistors. (Gain depends on resistor ratios.)
INA131BP
INA131AP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
Initial
TA = +25°C
±10
±50
±25
±125
µV
vs Temperature
TA = TMIN to TMAX
±0.1
±0.25
±0.25
±1
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
0.5
3
TT
µV/V
Long-Term Stability
0.2
T
µV/mo
Impedance, Differential
1010 || 6
T
Ω || pF
Common-Mode
1010 || 6
T
Ω || pF
Input Common-Mode Range
±11
±13.5
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±10V, ∆RS = 1kΩ
110
120
106
110
dB
BIAS CURRENT
±0.5
±2
T
±5nA
vs Temperature
±8
T
pA/
°C
OFFSET CURRENT
±0.5
±2
T
±5nA
vs Temperature
±8
T
pA/
°C
NOISE VOLTAGE, RTI
RS = 0Ω
f = 10Hz
16
T
nV/
√Hz
f = 100Hz
12
T
nV/
√Hz
f = 1kHz
12
T
nV/
√Hz
f = 10kHz
12
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.4
T
µVp-p
Noise Current
f = 10Hz
0.4
T
pA/
√Hz
f= 1kHz
0.2
T
pA/
√Hz
fB = 0.1Hz to 100Hz
18
T
pAp-p
GAIN
Gain Error(1)
±0.01
±0.024
T
±0.1
%
Resistor Value(2)
±10
±40
TT
%
Gain vs Temperature
±5
±10
T
±20
ppm/
°C
Nonlinearity
±0.0003
±0.002
T
±0.004
% of FSR
OUTPUT
Voltage
IO = 5mA, TMIN to TMAX
±13.5
±13.7
TT
V
VS = ±11.4V, RL = 2kΩ±10
10.5
TT
V
VS = ±2.25V, R L= 2kΩ±1
1.5
TT
V
Load Capacitance, max
Stable Operation
1000
T
pF
Short Circuit Current
+20/–15
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
70
T
kHz
Slew Rate
VO = ±10V
0.3
0.7
TT
V/
µs
Settling Time, 0.01%
100
T
µs
Overload Recovery
50% Overdrive
20
T
µs
POWER SUPPLY
Voltage Range
±2.25
±15
±18
TT
T
V
Current
VIN = 0V
±2.2
±3
TT
mA
TEMPERATURE RANGE
Specification
–40
85
TT
°C
Operating
–40
125
TT
°C
θ
JA
100
T
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com