Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA148UA/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA148UA/2K5
Description  200V Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA148UA/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  INA148UA/2K5 Datasheet HTML 1Page - Texas Instruments INA148UA/2K5 Datasheet HTML 2Page - Texas Instruments INA148UA/2K5 Datasheet HTML 3Page - Texas Instruments INA148UA/2K5 Datasheet HTML 4Page - Texas Instruments INA148UA/2K5 Datasheet HTML 5Page - Texas Instruments INA148UA/2K5 Datasheet HTML 6Page - Texas Instruments INA148UA/2K5 Datasheet HTML 7Page - Texas Instruments INA148UA/2K5 Datasheet HTML 8Page - Texas Instruments INA148UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
INA148
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, RL = 10kΩ to common, and VREF = 0V, unless otherwise noted.
5
0
–5
–10
–20
–25
–30
–35
10
100
1k
10k
100k
1M
Frequency (Hz)
GAIN vs FREQUENCY
V
S= ±1.35V
V
S = ±15V
100
80
60
40
20
0
10
100
1k
10k
100k
1M
Frequency (Hz)
COMMON-MODE REJECTION vs FREQUENCY
= V
S = ±15V
= V
S = ±1.35V
110
100
90
80
70
60
50
40
30
20
10
1
10
100
1k
10k
100K
Frequency (Hz)
POWER SUPPLY REJECTION vs FREQUENCY
PSR+
(V
S = ±18V)
PSR+
(V
S = ±1.35V)
PSR–
(V
S = ±18V)
PSR–
(V
S = ±1.35V)
800
1k
600
400
200
100
10
100
1k
10k
100k
INPUT VOLTAGE NOISE SPECTRAL DENSITY
Frequency (Hz)
290
280
270
260
250
240
230
220
210
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
QUIESCENT CURRENT vs TEMPERATURE
V
S = ±2.5V
V
S = ±15V
1s/div
VOLTAGE NOISE (RTI)
0.1Hz to 10Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com