Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA129PA Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA129PA
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129PA Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA129PA Datasheet HTML 9Page - Texas Instruments INA129PA Datasheet HTML 10Page - Texas Instruments INA129PA Datasheet HTML 11Page - Texas Instruments INA129PA Datasheet HTML 12Page - Texas Instruments INA129PA Datasheet HTML 13Page - Texas Instruments INA129PA Datasheet HTML 14Page - Texas Instruments INA129PA Datasheet HTML 15Page - Texas Instruments INA129PA Datasheet HTML 16Page - Texas Instruments INA129PA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
RG
Also drawn in simplified form:
INA128
Ref
VO
VIN
VIN
+
−
G
1
50k
R
G
G
1
49.4k
R
G
INA128:
INA129:
DESIRED
R
NEAREST
R
NEAREST
G
G
GAIN (V/V)
(Ω)
1% RG (Ω)
(Ω)
1% RG (Ω
1
NC
NC
NC
NC
2
50.00k
49.9k
49.4k
49.9k
5
12.50k
12.4k
12.35k
12.4k
10
5.556k
5.62k
5489
5.49k
20
2.632k
2.61k
2600
2.61k
50
1.02k
1.02k
1008
1k
100
505.1
511
499
499
200
251.3
249
248
249
500
100.2
100
99
100
1000
50.05
49.9
49.5
49.9
2000
25.01
24.9
24.7
24.9
5000
10.00
10
9.88
9.76
10000
5.001
4.99
4.94
4.87
INA128
INA129
NC: No Connection
A
1
A2
A3
6
7
4
3
8
1
2
V
IN
VIN
RG
V+
INA128, INA129
+
5
Over−Voltage
Protection
Over−Voltage
Protection
Load
+
O
V
Ref
NOTE: (1) INA129: 24.7kΩ
−
0.1µF
0.1µF
V−
−
25kΩ(1)
25kΩ(1)
40kΩ
40kΩ
40kΩ
40kΩ
V
O = G
(V
IN − VIN
+
−
•
)
INA128, INA129
www.ti.com
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA12x measures small differential voltage with high common-mode voltage developed between the
noninverting and inverting input. The high-input voltage protection circuit in conjunction with high input
impedance make the INA12x suitable for a wide range of applications. The ability to set the reference pin to
adjust the functionality of the output signal offers additional flexibility that is practical for multiple configurations.
8.2 Typical Application
Figure 24 shows the basic connections required for operation of the INA12x. Applications with noisy or high
impedance power supplies may require decoupling capacitors close to the device pins as shown. The output is
referred to the output reference (Ref) terminal which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resistance of 8
Ω in series with the Ref pin will cause a
typical device to degrade to approximately 80dB CMR (G = 1).
Figure 24. Basic Connections
8.2.1 Design Requirements
The device can be configured to monitor the input differential voltage when the gain of the input signal is set by
the external resistor RG. The output signal references to the Ref pin. The most common application is where the
output is referenced to ground when no input signal is present by connecting the Ref pin to ground, as Figure 24
shows. When the input signal increases, the output voltage at the OUT pin increases, too.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com