Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA155U/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA155U/2K5
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA155U/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  INA155U/2K5 Datasheet HTML 1Page - Texas Instruments INA155U/2K5 Datasheet HTML 2Page - Texas Instruments INA155U/2K5 Datasheet HTML 3Page - Texas Instruments INA155U/2K5 Datasheet HTML 4Page - Texas Instruments INA155U/2K5 Datasheet HTML 5Page - Texas Instruments INA155U/2K5 Datasheet HTML 6Page - Texas Instruments INA155U/2K5 Datasheet HTML 7Page - Texas Instruments INA155U/2K5 Datasheet HTML 8Page - Texas Instruments INA155U/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
®
INA155
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Top View
SO-8 (U), MSOP-8 (E)
Supply Voltage, V+ to V– ................................................................... 7.5V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –65
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) Input terminals are diode-clamped to the power supply rails. Input signals
that can swing more that 0.5V beyond the supply rails should be current limited
to 10mA or less. (3) Short circuit to ground.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
INA155U
SO-8
182
–55
°C to +125°C
INA155U
INA155U
Rails
"
"
"
"
"
INA155U/2K5
Tape and Reel
INA155UA
SO-8
182
–55
°C to +125°C
INA155UA
INA155UA
Rails
"
"
"
"
"
INA155UA/2K5
Tape and Reel
INA155E
MSOP-8
337
–55
°C to +125°C
A55
INA155E/250
Tape and Reel
"
"
"
"
"
INA155E/2K5
Tape and Reel
INA155EA
MSOP-8
337
–55
°C to +125°C
A55
INA155EA/250
Tape and Reel
"
"
"
"
"
INA155EA/2K5
Tape and Reel
NOTES: (1) Models with a slash (/ ) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “INA155UA/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
R
G
V
IN
V
IN
V–
R
G
V+
V
OUT
Ref
1
2
3
4
8
7
6
5
INA155
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com