Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA155UA/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA155UA/2K5
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA155UA/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA155UA/2K5 Datasheet HTML 5Page - Texas Instruments INA155UA/2K5 Datasheet HTML 6Page - Texas Instruments INA155UA/2K5 Datasheet HTML 7Page - Texas Instruments INA155UA/2K5 Datasheet HTML 8Page - Texas Instruments INA155UA/2K5 Datasheet HTML 9Page - Texas Instruments INA155UA/2K5 Datasheet HTML 10Page - Texas Instruments INA155UA/2K5 Datasheet HTML 11Page - Texas Instruments INA155UA/2K5 Datasheet HTML 12Page - Texas Instruments INA155UA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
®
INA155
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation
of the INA155. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference terminal, Ref,
which is normally set to VS/2. This must be a low-imped-
ance connection to ensure good common-mode rejection. A
resistance of 200
Ω in series with the Ref pin will cause a
typical device to degrade to approximately 80dB CMRR.
In addition, for the G = 50 configuration, the connection
between pins 1 and 8 must be low-impedance. A connection
impedance of 20
Ω can cause a 0.2% shift in gain error.
OPERATING VOLTAGE
The INA155 is fully specified and guaranteed over the supply
range +2.7V to +5.5V, with key parameters guaranteed over
the temperature range of –55
°C to +125°C. Parameters that
vary significantly with operating voltages, load conditions or
temperature are shown in the Typical Performance Curves.
The INA155 can be operated from either single or dual
power supplies. By adjusting the voltage applied to the
reference terminal, the input common-mode voltage range
and the output range can be adjusted within the bounds
shown in the Typical Performance Curves. Figure 2 shows
a bridge amplifier circuit operated from a single +5V power
supply. The bridge provides a relatively small differential
voltage on top of an input common-mode voltage near 2.5V.
FIGURE 1. Basic Connections.
FIGURE 2. Single-Supply Bridge Amplifier.
Bridge
Sensor
INA155
V
REF
(1)
+5V
3
2
4
5
7
6
V
OUT = 0.01V to 4.99V
(2)
NOTES: (1) V
REF should be adjusted for the desired output level,
keeping in mind that the value of V
REF affects the common-mode
input range. See Typical Performance Curve. (2) For best
performance, the common-mode input voltage should be kept away
from the transition range of (V+) – 1.8V to (V+) –0.8V.
1
8
V
IN
+
V
IN
–
Ref
22.2k
Ω
200k
Ω
5k
Ω
Gain Pins Open:
G = 10
External Resistor R
G:
10 < G < 50
Gain Pins Connected:
G = 50
5k
Ω
200k
Ω
22.2k
Ω
4
3
2
5
7
18
V–
0.1
µF
Single Supply
Also drawn in simplified form:
Dual Supply
INA155
INA155
6
1
3
8
2
V
OUT
6
7
4
5
Ref
0.1
µF
V+
V+
V–
DESIRED GAIN
R
G
(V/V)
(
Ω)
10
Open
20
30k
30
10k
40
3.3k
50
Short
G = 10 +
400k
Ω
10k
Ω + R
G
V
IN
–
V
IN
+
A1
A2
V
IN
+
V
IN
–
V
OUT = (VIN – VIN) • G + VREF
+–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com