Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8884A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8884A
Description  High Voltage Cathode Decoder/Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8884A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8884A Datasheet HTML 1Page - National Semiconductor (TI) DS8884A Datasheet HTML 2Page - National Semiconductor (TI) DS8884A Datasheet HTML 3Page - National Semiconductor (TI) DS8884A Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VCC
7V
Input Voltage (Note 4)
VCC
Segment Output Voltage
80V
Power Dissipation
600 mW
Transient Segment Output Current
(Note 5)
50 mA
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Molded Package
1714 mW
Derate molded package 1371 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
475
525
V
Temperature (TA)0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
VCC e 475V
20
V
VIL
Logical ‘‘0’’ Input Voltage
VCC e 475V
10
V
IIH
Logical ‘‘1’’ Input Current
VCC e 525V VIN e 24V
15
m
A
IIL
Logical ‘‘0’’ Input Current
VCC e 525V VIN e 04V
b
250
m
A
ICC
Power Supply Current
VCC e 525V RP e 28k All Inputs e 5V
40
mA
VIa
Positive Input Clamp Voltage
VCC e 475V IIN e 1 mA
50
V
VIb
Negative Input Clamp Voltage
VCC e 5V IIN eb12 mA TA e 25 C
b
15
V
D
IO
SEGMENT OUTPUTS
All Outputs e 50V IOUT b eRef All Outputs
09
11
‘‘ON’’ Current Ratio
IbON
Output b ‘‘ON’’ Current
VCC e 5V VOUT b e 50V
RP e 181k
015
025
mA
TA e 25 C
RP e 703k
045
055
mA
RP e 340k
090
110
mA
RP e 280k
108
132
mA
ICEX
Output Leakage Current
VOUT e 75V
5
m
A
VBR
Output Breakdown Voltage
IOUT e 250 mA80
V
tpd
Propagation Delay of Any
VCC e 5VTA e 25 C
10
m
s
Input to Segment Output
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C temperature range for the DS8884A All typical values are for TA e 25 C and
VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
This limit can be higher for a current limiting voltage source
Note 5
In all applications transient segment output current must be limited to 50 mA This may be accomplished in DC applications by connecting a 22k resistor
from the anode-supply filter capacitor to the display anode or by current limiting the anode driver in multiplex applications
Typical Application
TLF5847 – 4
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com