Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC2 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # RC2
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RC2 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  RC2 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RC2 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
25
0.05
0.1
0.2
0.15
0.25
50
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
150
125
100
75
TJ=25
Pulse Width=300
µS
0.01
0.1
0.1
1.0
2.0
3.0
4.0
0.2
0.3
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
1
20
510
10
0
50
5
15
TJ=125
8.3msSingleHalf
Sine-Wave
NUMBER OF CYCLES AT60Hz
REVERSE VOLTAGE,VOLTS
FIG.4-- TYPICAL JUNCTION CAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERYTIMECHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 -- TYPICAL FORWARD DERATING CURVE
FIG.4-- PEAK FORWARD SURGECURRENT
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD CURRENT, VOLTS
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com