Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RH1
Description  FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RH1 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RH1 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RH1 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 0.6A
VOLTAGE RANGE: 400 - 1000V
Case : DO-41 Molded plastic
FAST RECOVERY RECTIFIER DIODES
RH1 - RH1C
RH1
RH1A
RH1B
RH1C
Maximum Peak Reverse Voltage
VRRM
400
600
800
1000
V
Maximum Peak Reverse Surge Voltage
VRSM
450
650
850
1050
V
Maximum Average Forward Current
,Ta = 50
°C
IF(AV)
0.6
A
Maximum Peak Forward Surge Current
( 50 Hz, Half-cycle, Sine wave, Single Shot )
IFSM
35
A
Maximum Forward Voltage at IF = 0.6 A
VF
1.3
V
Maximum Reverse Current at VR = VRM
Ta = 25
°C
IR
5.0
µA
Maximum Reverse Current at VR = VRM
Ta = 150
°C
IR(H)
70
µA
Maximum Reverse Recovery Time (Note 1)
Trr
4.0
µs
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Note :
( 1 ) Reverse Recovery Test Conditions : IF = 10 mA, IRP = 10 mA.
High current capability
High surge current capability
High reliability
Low reverse current
Low forward voltage drop
Fast switching for high efficiency
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 0.465 gram
Features
Mechanical Data
Characteristic
Symbol
Unit
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
!
!
!
!
!
!
!
!
!
!
!
!
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41
1 of 2
www.sunmate.tw
Method 208 guaranteed


Similar Part No. - RH1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RH1 SANKEN-RH1 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RH1 EIC-RH1 Datasheet
64Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
RH1 TAYCHIPST-RH1 Datasheet
911Kb / 1P
Fast-Recovery Rectifier Diodes
logo
SHENZHEN YONGERJIA INDU...
RH1 WINNERJOIN-RH1 Datasheet
257Kb / 7P
Fast Switching Rectifiers
logo
Token Electronics Indus...
RH1 TOKEN-RH1 Datasheet
289Kb / 5P
High Voltage Hermetic Hi-Meg Resistor
More results

Similar Description - RH1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com