Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZREF50Z Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZREF50Z
Description  PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF50Z Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZREF50Z Datasheet HTML 1Page - Zetex Semiconductors ZREF50Z Datasheet HTML 2Page - Zetex Semiconductors ZREF50Z Datasheet HTML 3Page - Zetex Semiconductors ZREF50Z Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZREF50
TYPICAL CHARACTERISTICS
Temperature (°C)
Reference Current (mA)
Frequency (kHz)
Temperature Drift
Slope Resistance v Current
Time (
µs)
0
500
-40
100
0.1
Slope Resistance v Frequency
-20
0
20
40
60
80
Forward Characteristics
Forward Current (mA)
0.1
1
10
100
1000
IR=150
µA to 15mA
1
0.1
10
100
1000
10
100
1
0.1
0.01
1000
0
1
2
3
4
Time (
µs)
IR=150
µA
IR=5mA
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA=25°C
TA=-40°C
TA=85°C
0
10
0
4.0
6.0
4.96
5.02
5.00
4.98
0
2.0
3.0
1.0
110
2.0
0
10
0
4.0
6.0
2.0
Transient Response
(Single Pulse)
Transient Response
(Repetitive Pulse)
VIN
VR
33K
150
µA
5 mA
150
µA
1K
5mA
33K
150
µA
1K
5mA
VIN
VR
4-277



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com