Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA111AM Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA111AM
Description  OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA111AM Datasheet(HTML) 2 Page - Texas Instruments

  OPA111AM Datasheet HTML 1Page - Texas Instruments OPA111AM Datasheet HTML 2Page - Texas Instruments OPA111AM Datasheet HTML 3Page - Texas Instruments OPA111AM Datasheet HTML 4Page - Texas Instruments OPA111AM Datasheet HTML 5Page - Texas Instruments OPA111AM Datasheet HTML 6Page - Texas Instruments OPA111AM Datasheet HTML 7Page - Texas Instruments OPA111AM Datasheet HTML 8Page - Texas Instruments OPA111AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
OPA111
®
SPECIFICATIONS
ELECTRICAL
At VCC = ±15VDC and TA = +25°C unless otherwise noted.
OPA111AM
OPA111BM
OPA111SM
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
NOISE
Voltage, fO = 10Hz
100% Tested
40
80
30
60
40
80
nV/
√Hz
fO = 100Hz
100% Tested
15
40
11
30
15
40
nV/
√Hz
fO = 1kHz
100% Tested
8
15
7
12
8
15
nV/
√Hz
fO = 10kHz
100% Tested
6
8
6
8
6
8
nV/
√Hz
fB = 10Hz to 10kHz
100% Tested
0.7
1.2
0.6
1
0.7
1.2
µVrms
fB = 0.1Hz to 10Hz
(1)
1.6
3.3
1.2
2.5
1.6
3.3
µVp-p
Current, fB = 0.1Hz to 10Hz
(1)
9.5
15
7.5
12
9.5
15
fAp-p
fO = 0.1Hz thru 20kHz
(1)
0.5
0.8
0.4
0.6
0.5
0.8
fA/
√Hz
OFFSET VOLTAGE(2)
Input Offset Voltage
VCM = 0VDC
±100
±500
±50
±250
±100
±500
µV
Average Drift
TA = TMIN to TMAX
±2
±5
±0.5
±1
±2
±5
µV/°C
Supply Rejection
VCC = ±10V to ±18V
90
110
100
110
90
110
dB
±3
±31
±3
±10
±3
±31
µV/V
BIAS CURRENT(2)
Input Bias Current
VCM = 0VDC
±0.8
±2
±0.5
±1
±0.8
±2pA
OFFSET CURRENT(2)
Input Offset Current
VCM = 0VDC
±0.5
±1.5
±0.25
±0.75
±0.5
±1.5
pA
IMPEDANCE
Differential
1013 || 1
1013 || 1
1013 || 1
Ω || pF
Common-Mode
1014 || 3
1014 || 3
1014 || 3
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
±10
±11
±10
±11
V
Common-Mode Rejection
VIN = ±10VDC
90
110
100
110
90
110
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
114
125
120
125
114
125
dB
FREQUENCY RESPONSE
Unity Gain, Small Signal
2
2
2
MHz
Full Power Response
20Vp-p, RL = 2kΩ
16
32
16
32
16
32
kHz
Slew Rate
VO = ±10V, RL = 2kΩ
12
12
12
V/
µs
Settling Time, 0.1%
Gain = –1, RL = 2kΩ
66
6
µs
0.01%
10V Step
10
10
10
µs
Overload Recovery,
50% Overdrive(3)
Gain = –1
5
5
5
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±11
±12
±11
±12
±11
±12
V
Current Output
VO = ±10VDC
±5.5
±10
±5.5
±10
±5.5
±10
mA
Output Resistance
DC, Open Loop
100
100
100
Ω
Load Capacitance Stability
Gain = +1
1000
1000
1000
pF
Short Circuit Current
10
40
10
40
10
40
mA
POWER SUPPLY
Rated Voltage
±15
±15
±15
VDC
Voltage Range, Derated
Performance
±5
±18
±5
±18
±5
±18
VDC
Current, Quiescent
IO = 0mADC
2.5
3.5
2.5
3.5
2.5
3.5
mA
TEMPERATURE RANGE
Specification
Ambient Temp.
–25
+85
–25
+85
–55
+125
°C
Operating
Ambient Temp.
–55
+125
–55
+125
–55
+125
°C
Storage
Ambient Temp.
–65
+150
–65
+150
–65
+150
°C
θ Junction-Ambient
200
200
200
°C/W
NOTES: (1) Sample tested—this parameter is guaranteed. (2) Offset voltage, offset current, and bias current are measured with the units fully warmed up. (3) Overload
recovery is defined as the time required for the output to return from saturation to linear operation following the removal of a 50% input overdrive.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-
BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com