Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC154 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC154
Description  High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC154 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC154 Datasheet HTML 1Page - Texas Instruments CD74HC154 Datasheet HTML 2Page - Texas Instruments CD74HC154 Datasheet HTML 3Page - Texas Instruments CD74HC154 Datasheet HTML 4Page - Texas Instruments CD74HC154 Datasheet HTML 5Page - Texas Instruments CD74HC154 Datasheet HTML 6Page - Texas Instruments CD74HC154 Datasheet HTML 7Page - Texas Instruments CD74HC154 Datasheet HTML 8Page - Texas Instruments CD74HC154 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS152D
Features
• Two Enable Inputs to Facilitate Demultiplexing and
Cascading Functions
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
’HC154
and
’HCT154
are
4-
to
16-line
decoders/demultiplexers with two enable inputs, E1 and E2.
A High on either enable input forces the output into the High
state. The demultiplexing function is performed by using the
four input lines, A0 to A3, to select the output lines Y0 to
Y15, and using one enable as the data input while holding
the other enable low.
Pinout
CD54HC154, CD54HCT154
(CERDIP)
CD74HC154, CD74HCT154
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC154F3A
-55 to 125
24 Ld CERDIP
CD54HCT154F3A
-55 to 125
24 Ld CERDIP
CD74HC154E
-55 to 125
24 Ld PDIP
CD74HC154EN
-55 to 125
24 Ld PDIP
CD74HC154M
-55 to 125
24 Ld SOIC
CD74HC154M96
-55 to 125
24 Ld SOIC
CD74HCT154E
-55 to 125
24 Ld PDIP
CD74HCT154EN
-55 to 125
24 Ld PDIP
CD74HCT154M
-55 to 125
24 Ld SOIC
CD74HCT154M96
-55 to 125
24 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
1
2
3
4
5
6
7
8
9
10
11
12
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
A1
A2
A3
E2
Y15
Y13
Y12
Y11
A0
E1
Y14
September 1997 - Revised June 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54HC154, CD74HC154,
CD54HCT154, CD74HCT154
High-Speed CMOS Logic
4- to 16-Line Decoder/Demultiplexer
[ /Title
(CD74
HC154
,
CD74
HCT15
4)
/Sub-
ject
(High
Speed
CMOS
Logic
4-to-16
Line
Decod
er/Dem


Similar Part No. - CD74HC154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD74HC154 TI-CD74HC154 Datasheet
372Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD74HC154 TI-CD74HC154 Datasheet
401Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD74HC154 TI2-CD74HC154 Datasheet
261Kb / 14P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
Revised June 2004
CD74HC154E TI-CD74HC154E Datasheet
42Kb / 6P
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
More results

Similar Description - CD74HC154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74HC4514 TI-CD54-74HC4514 Datasheet
233Kb / 14P
HIGH-SPEED CMOS LOGIC 4-TO-16 LINE DECODER/DEMULTIPLEXER WITH INPUT LATCHES
CD74HC139 TI-CD74HC139 Datasheet
36Kb / 6P
High-Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
logo
Harris Corporation
CD74HCT139 HARRIS-CD74HCT139 Datasheet
26Kb / 5P
High Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Texas Instruments
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC139 TI-CD54HC139_07 Datasheet
415Kb / 13P
High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
CD54HC4514 TI-CD54HC4514 Datasheet
375Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC4514 TI-CD54HC4514_08 Datasheet
404Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
CD54HC4514F TI-CD54HC4514F Datasheet
551Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com