Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments OPA690 Datasheet HTML 24Page - Texas Instruments OPA690 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
OPA2690
www.ti.com
SBOS238G – JUNE 2002 – REVISED MARCH 2010
OPERATING SUGGESTIONS
OPTIMIZING RESISTOR VALUES
BANDWIDTH vs GAIN: NONINVERTING
OPERATION
As
the
the
OPA2690
is
a
unity-gain
stable,
voltage-feedback op amp, a wide range of resistor
Voltage-feedback
op
amps
exhibit
decreasing
values may be used for the feedback and gain setting
closed-loop
bandwidth
as
the
signal
gain
is
resistors. The primary limits on these values are set
increased. In theory, this relationship is described by
by dynamic range (noise and distortion) and parasitic
the Gain Bandwidth Product (GBP) shown in the
capacitance
considerations.
For
a
noninverting
Electrical Characteristics. Ideally, dividing GBP by the
unity-gain
follower
application,
the
feedback
noninverting signal gain (also called the Noise Gain,
connection should be made with a 25
Ω resistor, not a
or NG) will predict the closed-loop bandwidth. In
direct short. This will isolate the inverting input
practice, this only holds true when the phase margin
capacitance from the output pin and improve the
approaches
90°,
as
it
does
in
high
gain
frequency response flatness. Usually, the feedback
configurations. At low gains (increased feedback
resistor value should be between 200
Ω and 1.5kΩ.
factors), most amplifiers will exhibit a more complex
Below 200
Ω, the feedback network will present
response with lower phase margin. The OPA2690 is
additional output loading which can degrade the
compensated to give a slightly peaked response in a
harmonic distortion performance of the OPA2690.
noninverting gain of 2 (see Figure 36). This results in
Above
1.5k
Ω,
the
typical
parasitic
capacitance
a typical gain of +2 bandwidth of 220MHz, far
(approximately 0.2pF) across the feedback resistor
exceeding that predicted by dividing the 300MHz
can cause unintentional band-limiting in the amplifier
GBP by 2. Increasing the gain will cause the phase
response.
margin to approach 90° and the bandwidth to more
closely approach the predicted value of (GBP/NG). At
A good rule of thumb is to target the parallel
a gain of +10, the 30MHz bandwidth shown in the
combination of RF and RG (see Figure 36) to be less
Electrical Characteristics agrees with that predicted
than approximately 300
Ω. The combined impedance
using the simple formula and the typical GBP of
RF || RG interacts with the inverting input capacitance,
300MHz.
placing an additional pole in the feedback network
and thus, a zero in the forward response. Assuming a
The frequency response in a gain of +2 may be
2pF total parasitic on the inverting node, holding RF ||
modified to achieve exceptional flatness simply by
RG < 300Ω will keep this pole above 250MHz. By
increasing the noise gain to 2.5. One way to do this,
itself, this constraint implies that feedback resistor RF
without affecting the +2 signal gain, is to add an
can increase to several k
Ω at high gains. This is
804
Ω resistor across the two inputs in the circuit of
acceptable as long as the pole formed by RF and any
Figure 36. A similar technique may be used to reduce
parasitic capacitance appearing in parallel is kept out
peaking in unity-gain (voltage follower) applications.
of the frequency range of interest.
For example, by using a 402
Ω feedback resistor
along with a 402
Ω resistor across the two op amp
inputs, the voltage follower response will be similar to
the gain of +2 response of Figure 37. Reducing the
value of the resistor across the op amp inputs will
further limit the frequency response due to increased
noise gain.
The OPA2690 exhibits minimal bandwidth reduction
going to single-supply (+5V) operation as compared
with ±5V. This is because the internal bias control
circuitry retains nearly constant quiescent current as
the total supply voltage between the supply pins is
changed.
Copyright © 2002–2010, Texas Instruments Incorporated
21
Product Folder Link(s): OPA2690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com