Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8921 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS8921
Description  Differential Line Driver and Receiver Pair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8921 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8921 Datasheet HTML 1Page - National Semiconductor (TI) DS8921 Datasheet HTML 2Page - National Semiconductor (TI) DS8921 Datasheet HTML 3Page - National Semiconductor (TI) DS8921 Datasheet HTML 4Page - National Semiconductor (TI) DS8921 Datasheet HTML 5Page - National Semiconductor (TI) DS8921 Datasheet HTML 6Page - National Semiconductor (TI) DS8921 Datasheet HTML 7Page - National Semiconductor (TI) DS8921 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
7V
Driver Input Voltage
−0.5V to +7V
Output Voltage
5.5V
Receiver Output Sink
Current
50 mA
Receiver Input Voltage
±10V
Differential Input Voltage
±12V
Maximum Package Power Dissipation @ +25˚C
M Package
730 mW
N Package
1160 mW
Derate M Package
9.3 mW/˚C above +25˚C
Derate N Package
5.8 mW/˚C above +25˚C
Storage Temperature
Range
−65˚C to +165˚C
Lead Temperature
+260˚C
(Soldering, 4 sec.)
+260˚C
Maximum Junction
Temperature
+150˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage
4.5
5.5
V
Temperature (T
A)
DS8921/DS8921A
0
70
˚C
DS8921AT
−40
+85
˚C
DS8921/DS8921A Electrical Characteristics (Notes 2, 3, 4)
Symbol
Conditions
Min
Typ
Max
Units
RECEIVER
V
TH
−7V
≤ V
CM ≤ +7V
−200
±35
+200
mV
V
HYST
−7V
≤ V
CM ≤ +7V
15
70
mV
R
IN
V
IN = −7V, +7V
4.0
6.0
k
Ω
(Other Input = GND)
I
IN
V
IN = 10V
3.25
mA
V
IN = −10V
−3.25
mA
V
OH
I
OH = −400 µA
2.5
V
V
OL
I
OL = 8 mA
0.5
V
I
SC
V
CC = MAX, VOUT = 0V
−15
−100
mA
DRIVER
V
IH
2.0
V
V
IL
0.8
V
I
IL
V
CC = MAX, VIN = 0.4V
−40
−200
µA
I
IH
V
CC = MAX, VIN = 2.7V
20
µA
I
I
V
CC = MAX, VIN = 7.0V
100
µA
V
CL
V
CC = MIN, IIN = −18 mA
−1.5
V
V
OH
V
CC = MIN, IOH = −20 mA
2.5
V
V
OL
V
CC = MIN, IOL = +20 mA
0.5
V
I
OFF
V
CC = 0V, V OUT = 5.5V
100
µA
|V
T| – |VT |
0.4
V
V
T
2.0
V
|V
OS –VOS |
0.4
V
I
SC
V
CC = MAX, VOUT = 0V
−30
−150
mA
DRIVER and RECEIVER
I
CC
V
CC = MAX, VOUT = Logic 0
35
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com