Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2071ASI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2071ASI
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2071ASI Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2071ASI Datasheet HTML 1Page - Cypress Semiconductor CY2071ASI Datasheet HTML 2Page - Cypress Semiconductor CY2071ASI Datasheet HTML 3Page - Cypress Semiconductor CY2071ASI Datasheet HTML 4Page - Cypress Semiconductor CY2071ASI Datasheet HTML 5Page - Cypress Semiconductor CY2071ASI Datasheet HTML 6Page - Cypress Semiconductor CY2071ASI Datasheet HTML 7Page - Cypress Semiconductor CY2071ASI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CY2071A
Document #: 38-07139 Rev. *A
Page 6 of 8
Switching Characteristics, Industrial 3.3V[8]
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range
3.3V operation
15-pF load
CY2071AI
12.50
[80 MHz]
2000
[500 kHz]
ns
CY2071AFI
15.0
[66.6 MHz]
2000
[500 kHz]
ns
t1A
Clock Jitter
Peak-to-peak period jitter (t1 max. – t1 min.),
% of clock period, fOUT ≤ 16 MHz
0.8
1
%
t1B
Clock Jitter
Peak-to-peak period jitter
(16 MHz
≤ f
OUT ≤ 50 MHz)
350
500
ps
t1C
Clock Jitter[9]
Peak-to-peak period jitter (fOUT > 50 MHz)
250
350
ps
Output Duty Cycle
Duty cycle[10, 11] for outputs, (t2 ÷ t1)
fOUT ≤ 60 MHz
45%
50%
55%
Output Duty Cycle[9] Duty cycle[11] for outputs, (t2 ÷ t1),
fOUT > 60 MHz
40%
50%
60%
t3
Rise time[9]
Output clock rise time
1.5
2.5
ns
t4
Fall time[9]
Output clock fall time
1.5
2.5
ns
t5
Skew
Skew delay between any two outputs with
identical frequencies (generated by the PLL)
0.5
ns
Switching Waveforms
All Outputs Duty Cycle and Rise/Fall Time
2071A–3
OUTPUT
t3
t4
t2
t1
2.4V
0.4V
0.4V
2.4V
VDD
0V
Output-Output Clock Skew
2071A–4
OUTPUT
OUTPUT
t5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com