Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8922 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8922
Description  TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8922 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8922 Datasheet HTML 1Page - National Semiconductor (TI) DS8922 Datasheet HTML 2Page - National Semiconductor (TI) DS8922 Datasheet HTML 3Page - National Semiconductor (TI) DS8922 Datasheet HTML 4Page - National Semiconductor (TI) DS8922 Datasheet HTML 5Page - National Semiconductor (TI) DS8922 Datasheet HTML 6Page - National Semiconductor (TI) DS8922 Datasheet HTML 7Page - National Semiconductor (TI) DS8922 Datasheet HTML 8Page - National Semiconductor (TI) DS8922 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS8922/DS8922A/DS8923A TRI-STATE®
RS-422 Dual Differential Line Driver and Receiver Pairs
General Description
The DS8922/22A and DS8923A are Dual Differential Line
Driver and Receiver pairs. These devices are designed spe-
cifically for applications meeting the ST506, ST412 and
ESDI Disk Drive Standards. In addition, the devices meet the
requirements of the EIA Standard RS-422.
These devices offer an input sensitivity of 200 mV over a
±7V common mode operating range. Hysteresis is incorpo-
rated (typically 70 mV) to improve noise margin for slowly
changing input waveforms. An input fail-safe circuit is pro-
vided such that if the receiver inputs are open the output as-
sumes the logical one state.
The DS8922A and DS8923A drivers are designed to provide
unipolar differential drive to twisted pair or parallel wire trans-
mission lines. Complementary outputs are logically ANDed
and provide an output skew of 0.5 ns (typ.) with propagation
delays of 12 ns.
Both devices feature TRI-STATE outputs. The DS8922/22A
have independent control functions common to a driver and
receiver pair. The DS8923A has separate driver and receiver
control functions.
Power up/down circuitry is featured which will TRI-STATE
the outputs and prevent erroneous glitches on the transmis-
sion lines during system power up or power down operation.
The DS8922/22A and DS8923A are designed to be compat-
ible with TTL and CMOS.
Features
n 12 ns typical propagation delay
n Output skew — ±0.5 ns typical
n Meets the requirements of EIA Standard RS-422
n Complementary Driver Outputs
n High differential or common-mode input voltage ranges
of ±7V
n ±0.2V receiver sensitivity over the input voltage range
n Receiver input fail-safe circuitry
n Receiver input hysteresis — 70 mV typical
n Glitch free power up/down
n TRI-STATE outputs
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corp.
DS8922A Dual-In-Line
DS008511-1
Order Number DS8922M, DS8922N,
DS8922AM or DS8922AN
See NS Package Number M16A or N16E
June 1998
© 1998 National Semiconductor Corporation
DS008511
www.national.com


Similar Part No. - DS8922

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS8922 TI1-DS8922 Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
National Semiconductor ...
DS8922A NSC-DS8922A Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
DS8922A TI1-DS8922A Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
National Semiconductor ...
DS8922AM NSC-DS8922AM Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
More results

Similar Description - DS8922

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
Dual TRI-STATE Differential Line Driver
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
DS8922 TI1-DS8922_15 Datasheet
1Mb / 20P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com