Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS71C1D Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS71C1D
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS71C1D Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS71C1D Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
(Top view)
回路図
Circuit drawing
LS71 Series
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
外形寸法図
Outline drawing
包装数量:4,000個×2リール(φ180mm)Loaded quantity:4,000 pcs.×2 reels(φ180mm)
S2
S1
S2
S1
S2
S1
S2
S1
(φ0.7)
3
3.5
2.3
1.小型・薄型、高フィーリング
Compact and thin, high sensitivity
2.防塵・防水構造
Dust- and waterproof mechanism
・スマートフォン、携帯端末
・各種AV機器
3.アクチュエーター付き
Actuator equipped
●
製品コード
Product code
1:1.18N
2:1.57N
4:2.35N
操作荷重
Operating force
特徴 Features
用途 Application
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
1.18N
10万回以上
100,000 or more
1.57N
DC12V 20mA
100mΩ以下 100mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.15mm
2.35N
1.18±0.39N
1.57±0.49N
2.35±0.59N
Item
(Ta 25℃)
アクチュエーター付き
With actuator
D
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
-
LS 71 C
単位 Unit : mm
Smartphone, mobile device
Various AV devices
TACTILE SWITCH共通番号
Common for TACTILE SWITCHes
シリーズ名
Series
上面押しタイプ Top-press type


Similar Part No. - LS71C1D

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7100 LSI-LS7100 Datasheet
436Kb / 4P
BCD TO 7-SEGMENT LATCH/DECODER/DRIVER for liquid crystal(dynamic scattering)displays
LS7166 LSI-LS7166 Datasheet
79Kb / 12P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_06 Datasheet
107Kb / 15P
24-BIT QUADRATURE COUNTER
LS7166 LSI-LS7166_08 Datasheet
246Kb / 19P
24-BIT QUADRATURE COUNTER
More results

Similar Description - LS71C1D

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
LS55 CITIZEN-LS55 Datasheet
435Kb / 1P
Switch operating force
LS38 CITIZEN-LS38 Datasheet
434Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com