Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS55 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS55
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS55 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS55 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
回路図 Circuit drawing
LS55 Series
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
外形寸法図
Outline drawing
1.小型・薄型、ダブルアクション
Compact and thin, double-action
2.防塵・防水構造
Dust- and waterproof mechanism
・スマートフォン、携帯端末
・各種AV機器
Smartphone, mobile device
Various AV devices
●
製品コード
Product code
4:2.84N
2段目操作荷重
2nd operating force
2:0.88N
1段目操作荷重
1st operating force
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
アクチュエーター付き
With actuator
D -
S3
S4
S2
S1
S1
S2
S4
S3
S1
S2
S4
S3
S1
S2
S4
S3
(φ0.6)
3.9
極性識別形状
Polarity discrimination shape
2.9
4.3
極性マーク
Polarity mark
レジスト
Resist
1段目クリック 1st click
回路構成 circuit configuration
2段目クリック 2nd click
特徴 Features
用途 Application
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
0.88N(1st)
10万回以上
100,000 or more
2.84N(2nd)
DC12V 20mA
500mΩ以下 500mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.15mm(1st)
0.30mm(All)
0.88±0.29N(1st)
2.84±0.88N(2nd)
Item
(Ta 25℃)
LS 55 D
単位 Unit : mm
包装数量:4,000個×2リール(φ180mm)Loaded quantity:4,000 pcs.×2 reels(φ180mm)
TACTILE SWITCH共通番号
Common for TACTILE SWITCHes
シリーズ名
Series
上面押しタイプ Top-press type
(Top view)


Similar Part No. - LS55

ManufacturerPart #DatasheetDescription
logo
Power-One
LS5540-7R POWER-ONE-LS5540-7R Datasheet
599Kb / 27P
100 Watt AC-DC Converters with PFC
More results

Similar Description - LS55

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
LS38 CITIZEN-LS38 Datasheet
434Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com