Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS47 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS47
Description  LED-incorporated illumined type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS47 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS47 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
(Top view)
回路図
Circuit drawing
LS47 Series
1.LEDを内蔵した照光式
LED-incorporated illumined type
2.小型・薄型、高フィーリング
Compact and thin, high sensitivity
・通信機器
Communication device
・各種AV機器
Various AV devices
シリーズ名
Series
TACTILE SWITCH共通番号
Common for TACTILE SWITCHes
47
LS
スイッチ高さ
Thickness
J:2.5mm
2:1.76N
3:2.35N
操作荷重
Operating force
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
-
-
●
絶対最大定格 Absolute Maximum Rating
●
電気的・光学的・機械的特性 Electro-optical and Mechanical Characteristics
●
製品コード Product code
●
外形寸法図 Outline drawing
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
許容損失 Power dissipation
順電流 Forward current
パルス順電流 Pulse forward current
逆電圧 Reverse voltage
使用温度範囲 Operating temperature range
保存温度範囲 Storage temperature range
PD
IF
IFP
VR
65
25
100*
5
−25∼+80
−30∼+85
Item
Symbol
Rating
LED部(UR、HRを除く)LED portion(Except UR and HR)
(Ta 25℃)
スイッチ部:12V, 20mA
Switch portion:12V, 20mA
(Ta 25℃)
スイッチ部 Switch portion
(Ta 25℃)
LED部 LED portion
*IFPの条件はduty 1/10 、パルス巾0.1msecです。
 Conditions for IFP are pulse of 1/10 duty and 0.1msec width.
Brightness
Color variation
VF
IV*
IF
(mA)
typ
(V)
max
(V)
IF
(mA)
typ
(mcd)
min
(mcd)
λP
typ
(nm)
Δλ
typ
(nm)
標準輝度
Standard brightness
高輝度
Super brightness
超高輝度
Ultra brightness
超高輝度
High brightness
R
D
Y
YG
G
FG
PG
SR
SD
UR
HR
20
2.2
2.6
700
100
20
0.7
1.5
20
2.2
2.6
605
40
20
2.9
8.2
20
2.1
2.6
589
40
20
3.1
7.3
20
2.2
2.6
570
30
20
5.0
17.3
20
2.2
2.6
567
26
20
2.4
9.4
20
2.2
2.6
560
26
20
2.0
5.8
20
2.2
2.6
557
24
20
0.8
2.2
20
2.0
2.6
650
40
20
1.9
5.2
20
2.0
2.6
630
40
20
1.5
8.1
20
1.8
2.6
660
20
20
4.0
14.3
20
1.8
2.6
660
20
20
8.6
28.6
赤 Red
橙 Orange
黄 Yellow
黄緑 Yellow green
緑 Green
新緑 Fresh green
純緑 Pure green
赤 Red
橙 Orange
赤 Red
赤 Red
最大定格
接触抵抗
絶縁抵抗
耐電圧
バウンス
ストローク
作動力
動作寿命
Maximum rating
Contact resistance
Insulation resistance
Withstanding voltage
Bounce
Stroke
Operating force
Operating life (times)
DC12V 20mA
100mΩ以下 100mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.15mm
Item
スイッチ作動力 Switch operating force
1.76N
2.35N
10万回以上
100,000 or more
5万回以上
50,000 or more
1.76±0.49N
2.35±0.59N
*NIST規格に準拠 Compliant to NIST standards
LED付の位置及び数
Location and number of LED(s)
*左下図参照
Refer to the diagram on
the left below.
LED発光色(LED付のみ)
Color of another LED
LEDの数が2ヶに
なる場合
Applicable only to
two LEDs version
/
LED付の位置及び数 Location and number of LED(s)
LED1ヶ LED 1pc.
LED2ヶ LED 2 pcs.
A1
K1
S1
K2
S2
A2
3.4
(0.6)
(0.35)
0.6
0.6
2.2
K2
A2
S2
A1
K1
S1
LED素子 LED die
外形中心
Center
SW中心
SW Center
電極パターン Terminal pattern
レジスト Resist
φ1.7
0.9
2.2
0.9
単位 Unit : mm
[測定条件 Measurement condition]
特徴 Features
用途 Application
包装数量:3,000個×1リール(φ330mm)Loaded quantity:3,000 pcs.×1 reel(φ330mm)
LED1ヶ付の場合、左側にLEDが付きます。LED2ヶ付の場合は、LEDはスイッチの中心から見て左側が長波長、右側が短波長の色となります。
The left side of LED will light when one LED is equipped. For the two LEDs version, the left side LED represents the long wavelength; the right side
represents the short wavelength.
上面押しモールドタイプ Top-press mold type
LED発光色(LED付のみ)
Color of LED


Similar Part No. - LS47

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LS4700 MCC-LS4700 Datasheet
203Kb / 5P
500mW SiliconZener Diodes
LS4701 MCC-LS4701 Datasheet
203Kb / 5P
500mW SiliconZener Diodes
LS4702 MCC-LS4702 Datasheet
203Kb / 5P
500mW SiliconZener Diodes
LS4703 MCC-LS4703 Datasheet
203Kb / 5P
500mW SiliconZener Diodes
LS4704 MCC-LS4704 Datasheet
203Kb / 5P
500mW SiliconZener Diodes
More results

Similar Description - LS47

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5262N PANASONIC-AN5262N Datasheet
34Kb / 3P
Preamplifier-Incorporated Volume IC for TV 1-channel
logo
TAITRON Components Inco...
MB3505 TAITRON-MB3505 Datasheet
145Kb / 4P
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
MB3505W TAITRON-MB3505W Datasheet
145Kb / 4P
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
logo
Meder Electronic
MK9-1A66C MEDER-MK9-1A66C Datasheet
246Kb / 4P
Reed Sensor Incorporated into a Hirschmann Connector
logo
NEC
NL8060AC26-11 NEC-NL8060AC26-11 Datasheet
136Kb / 18P
26 cm (10.4 type), 800 600 pixels, 262144 colors, incorporated two lamps/edge-light type backlight
logo
Hamamatsu Corporation
P12347-01 HAMAMATSU-P12347-01_15 Datasheet
452Kb / 17P
Color sensor proximity sensor and 3-color LED incorporated into a single package
logo
TE Connectivity Ltd
C-1534904 TEC-C-1534904 Datasheet
3Mb / 3P
DIESES ZEICHNUNGSDOKUMENT WIRD DU RACMHP INCORPORATED KONTROLLIERT.
C-1418448 TEC-C-1418448 Datasheet
457Kb / 1P
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH AMP INCORPORATED KONTROLLIERT.
C-1418483 TEC-C-1418483 Datasheet
386Kb / 1P
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH AMP INCORPORATED KONTROLLIERT.
logo
SHIKUES Electronics
MMBD1501A SKTECHNOLGY-MMBD1501A Datasheet
947Kb / 4P
Two element incorporated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com