Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS14 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS14
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS14 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS14 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
LS14 Series
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
外形寸法図
Outline drawing
5.6
4
3.8
3.1
1
2
3.2
2.7
2
0.33
1.5
0.7
0.675
R 0.35
2-φ0.5
1.ホリゾンタルタイプ、超小型・薄型
Horizontal type, ultra-compact and thin
2.防塵・防水構造
Dust- and waterproof mechanism
・スマートフォン、携帯端末
・各種AV機器
●
製品コード
Product code
スイッチ長さ
Length
J:2.4mm
2
3
位置決めボス本数
Number of positioning boss
2:1.60N
操作荷重
Operating force
B
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
-
特徴 Features
用途 Application
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
1.60N
10万回以上
100,000 or more
DC12V 20mA
100mΩ以下 100mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.12mm
1.60±0.50N
Item
(Ta 25℃)
TACTILE SWITCH共通番号
LS 14
単位 Unit : mm
(Top view)
回路図
Circuit drawing
包装数量:3,000個×1リール(φ330mm)Loaded quantity:3,000 pcs.×1 reel(φ330mm)
Smartphone, mobile device
Various AV devices
Common for TACTILE SWITCHes
シリーズ名
Series
側面押しタイプ Side-press type
S2
S1


Similar Part No. - LS14

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LS14-LFR FRONTIER-LS14-LFR Datasheet
168Kb / 2P
1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
LS141 ETC-LS141 Datasheet
546Kb / 7P
LINEAR INTEGRATED CIRCUITS
LS14250 ETC2-LS14250 Datasheet
62Kb / 2P
3.6V Primary lithium-thionyl chloride (Li-SOCl2) High energy density 1/2 AA-size bobbin cells
logo
saftbatteries
LS14250MLB SAFT-LS14250MLB Datasheet
841Kb / 2P
3.6 V high energy primary Li-SOCl2 battery for utility meters in demanding environments
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
More results

Similar Description - LS14

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
LS55 CITIZEN-LS55 Datasheet
435Kb / 1P
Switch operating force
LS38 CITIZEN-LS38 Datasheet
434Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com