Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS12P Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS12P
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS12P Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS12P Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
(Top view)
メタルマスク
Metal mask design
回路図
Circuit drawing
(Top view)
LS12P Series
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
外形寸法図
Outline drawing
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
1.57N
10万回以上
100,000 or more
2.00N
DC12V 20mA
500mΩ以下 500mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.17mm
1.57±0.49N
2.00±0.49N
Item
(Ta 25℃)
3.7
0.75
0.9
5.2
(0.75)
(0.35)
(0.425)
(0.825)
(0.875)
1.5
3.7
5.15
3.2
5.35
4.85
R 0.2
φ0.5
2.45
0.5
0.45
0.95
3.95
0.15
1.2
1.2
0.95
3.65
0.15
0.75
0.225
0.5
0.5
0.5
0.5
0.45
S2 S1
S2 S1
ギャップ Gap
S2
S1
1.エッジマウントタイプ、小型・薄型
Edge mount type, compact and thin
2.防塵・防水構造
Dust- and waterproof mechanism
・スマートフォン、携帯端末
・各種AV機器
●
製品コード
Product code
エッジマウントタイプ
Edge mount type
E
2:1.57N
3:2.00N
操作荷重
Operating force
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
-
特徴 Features
用途 Application
TACTILE SWITCH共通番号
LS 12P
単位 Unit : mm
包装数量:4,000個×1リール(φ330mm)Loaded quantity:4,000 pcs.×1 reel(φ330mm)
Smartphone, mobile device
Various AV devices
Common for TACTILE SWITCHes
シリーズ名
Series
側面押しタイプ Side-press type


Similar Part No. - LS12P

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS12 CITIZEN-LS12 Datasheet
188Kb / 2P
Non-illuminated/Horizontal Type
logo
GOOD-ARK Electronics
LS12 GOOD-ARK-LS12 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~200V Forward Current 1A
logo
Jinan Jing Heng Electro...
LS12 JINGHENG-LS12 Datasheet
74Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
LS12-LFR FRONTIER-LS12-LFR Datasheet
168Kb / 2P
1A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
Micross Components
LS120 MICROSS-LS120 Datasheet
275Kb / 1P
Linear Systems replaces discontinued Intersil IT120
More results

Similar Description - LS12P

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
LS38 CITIZEN-LS38 Datasheet
434Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com