Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS38G2 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS38G2
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS38G2 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS38G2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
(Top view)
回路図
Circuit drawing
上面押しモールドタイプ Top-press mold type
LS38 Series
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
外形寸法図
Outline drawing
1.小型・薄型、高フィーリング
Compact and thin, high sensitivity
2.防塵・防水構造
Dust- and waterproof mechanism
・カーオーディオ機器
Car audio devices
・各種AV機器
Various AV devices
・キーレスエントリー
Keyless entry device
●
製品コード
Product code
スイッチ高さ
Thickness
G:1.5mm
H:2.1mm
J:2.5mm
1:0.90N
2:1.76N
3:2.35N
5:4.20N
操作荷重
Operating force
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
S2
S1
S2
S1
S2
S1
S2
S1
3.3
2.5
2.1
0.6
0.6
2.1
0.9
0.9
3.9
レジスト
Resist
電極パターン
Terminal pattern
2.1
1.5
J Type
H Type
G Type
φ1.7
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
5万回以上
50,000 or more
10万回以上
100,000 or more
10万回以上
100,000 or more
20万回以上
200,000 or more
DC12V 20mA
100mΩ以下 100mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.15mm
0.11mm
Item
(Ta 25℃)
1.76N
0.90N
2.35N
4.20N
1.76±0.49N
0.90±0.40N
2.35±0.59N
4.20±0.70N
単位 Unit : mm
特徴 Features
用途 Application
LS 38
-
包装数量:J/H 3,000個×2リール(φ330mm)Loaded quantity:J/H 3,000 pcs.×2 reels(φ330mm)
G
4,000個×2リール(φ330mm)
G
4,000 pcs.×2 reels(φ330mm)
TACTILE SWITCH共通番号
Common for TACTILE SWITCHes
シリーズ名
Series
●LS38 Seriesを車載製品に使用する場合には、当社までご連絡願います。
 Please contact us when using LS38 Series installing on the vehicle-mounted products.


Similar Part No. - LS38G2

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
LS38 FS-LS38 Datasheet
132Kb / 2P
Schottky Rectifier
More results

Similar Description - LS38G2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
LS55 CITIZEN-LS55 Datasheet
435Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com