Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS10K2 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS10K2
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS10K2 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS10K2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
側面押しタイプ Side-press type
LS10 Series
1.ホリゾンタルタイプ、小型・薄型
Horizontal type, compact and thin
2.防塵・防水構造
Dust- and waterproof mechanism
特徴 Features
・スマートフォン、携帯端末
Smartphone, mobile device
・各種AV機器
Various AV devices
用途 Application
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
製品コード
Product code
●
外形寸法図
Outline drawing
包装数量:3,000個×1リール(φ330mm)Loaded quantity:3,000 pcs.×1 reel(φ330mm)
単位 Unit : mm
(A)
2.3
0.85
0.3
0.7
1.45
(C)
(B)
シリーズ名
Series
TACTILE SWITCH共通番号
Common for TACTILE SWITCHes
LS 10
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
10万回以上
100,000 or more
1.57N
DC12V 20mA
100mΩ以下 100mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.20mm
1.57±0.49N
Item
(Ta 25℃)
スイッチ長さ Length
A
B
C
D
K
2.8
0.5
1.35
0.45
R
3.5
1.2
1.95
0.8
N
3.5
1.2
1.95
0.45
スイッチ長さ
Length
K:2.8mm
N:3.5mm
R:3.5mm
2:1.57N
操作荷重
Operating force
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
-
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
(Top view)
回路図
Circuit drawing
1.0 1.1
2-φ0.9±0.1(穴 Holes)
S1
*
*
*
S2
1.2 0.7
0.7
0.6
*金属ケースダミーパターン Metal case dummy pattern
S2
S1


Similar Part No. - LS10K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS10K2 CITIZEN-LS10K2 Datasheet
221Kb / 2P
Non-illuminated/Horizontal Type
LS10K2-T CITIZEN-LS10K2-T Datasheet
476Kb / 2P
Non-illuminated/Horizontal Type
LS10K2T CITIZEN-LS10K2T Datasheet
221Kb / 2P
Non-illuminated/Horizontal Type
More results

Similar Description - LS10K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
LS38 CITIZEN-LS38 Datasheet
434Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com