Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8921AM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8921AM
Description  Differential Line Driver and Receiver Pair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8921AM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8921AM Datasheet HTML 1Page - National Semiconductor (TI) DS8921AM Datasheet HTML 2Page - National Semiconductor (TI) DS8921AM Datasheet HTML 3Page - National Semiconductor (TI) DS8921AM Datasheet HTML 4Page - National Semiconductor (TI) DS8921AM Datasheet HTML 5Page - National Semiconductor (TI) DS8921AM Datasheet HTML 6Page - National Semiconductor (TI) DS8921AM Datasheet HTML 7Page - National Semiconductor (TI) DS8921AM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS8921/DS8921A/DS8921AT
Differential Line Driver and Receiver Pair
General Description
The DS8921, DS8921A are Differential Line Driver and Re-
ceiver pairs designed specifically for applications meeting
the ST506, ST412 and ESDI Disk Drive Standards. In addi-
tion, these devices meet the requirements of the EIA Stan-
dard RS-422.
The DS8921, DS8921A receivers offer an input sensitivity of
200 mV over a ±7V common mode operating range. Hyster-
esis is incorporated (typically 70 mV) to improve noise mar-
gin for slowly changing input waveforms.
The DS8921, DS8921A drivers are designed to provide uni-
polar differential drive to twisted pair or parallel wire trans-
mission lines. Complementary outputs are logically ANDed
and provide an output skew of 0.5 ns (typ.) with propagation
delays of 12 ns.
The DS8921, DS8921A are designed to be compatible with
TTL and CMOS.
Features
n 12 ns typical propagation delay
n Output skew - 0.5 ns typical
n Meet the requirements of EIA Standard RS-422
n Complementary Driver Outputs
n High differential or common-mode input voltage ranges
of ±7V
n ±0.2V receiver sensitivity over the input voltage range
n Receiver input hysteresis-70 mV typical
n DS8921AT industrial temperature
operation: (−40˚C to +85˚C)
Connection Diagram
Truth Table
Receiver
Driver
Input
V
OUT
Input
V
OUT
V
OUT
V
ID ≥ VTH (MAX)
1
1
1
0
V
ID ≤ VTH (MIN)
0
0
0
1
Open
1
DS008512-1
Order Number DS8921M, DS8921N, DS8921AM, DS8921AN,
DS8921ATM, or DS8921ATN
See NS Package Number M08A or N08E
May 1998
© 1998 National Semiconductor Corporation
DS008512
www.national.com


Similar Part No. - DS8921AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921AM TI-DS8921AM Datasheet
938Kb / 15P
DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
DS8921AM TI1-DS8921AM Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
DS8921AM-NOPB TI-DS8921AM-NOPB Datasheet
938Kb / 15P
DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
DS8921AM/NOPB TI-DS8921AM/NOPB Datasheet
938Kb / 15P
DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
DS8921AM/NOPB TI1-DS8921AM/NOPB Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
More results

Similar Description - DS8921AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com