Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8935 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8935
Description  LocalTalk??Dual Driver/Triple Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8935 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8935 Datasheet HTML 1Page - National Semiconductor (TI) DS8935 Datasheet HTML 2Page - National Semiconductor (TI) DS8935 Datasheet HTML 3Page - National Semiconductor (TI) DS8935 Datasheet HTML 4Page - National Semiconductor (TI) DS8935 Datasheet HTML 5Page - National Semiconductor (TI) DS8935 Datasheet HTML 6Page - National Semiconductor (TI) DS8935 Datasheet HTML 7Page - National Semiconductor (TI) DS8935 Datasheet HTML 8Page - National Semiconductor (TI) DS8935 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
+7V
Supply Voltage (V
EE)
−7V
Enable Input Voltage (D
EN1, RE, RE )
+7V
Driver Input Voltage (D
IN)
+7V
Driver Output Voltage (Power Off: D
OUT)
±15V
Receiver Input Voltage (V
ID:RIN+−RIN−)
±25V
Receiver Input Voltage (V
CM:(RIN++RIN−)/2)
±25V
Receiver Input Voltage (Input to GND: R
IN)
±25V
Receiver Output Voltage (R
OUT)
+5.5V
Maximum Package Power Dissipation @+25˚C
M Package
1.34W
Derate M Package 10.7 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to
+150˚C
Lead Temperature Range (Soldering, 4 Sec.)
+260˚C
This device does not meet 2000V ESD Rating (Note 8)
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+4.75
+5.0
+5.25
V
Supply Voltage (V
EE)
−4.75
−5.0
−5.25
V
Operating Free Air
Temperature (T
A)
0
25
70
˚C
Electrical Characteristics (Notes 2, 3)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
V
OD
Output Differential Voltage
R
L = ∞ or RL = 3.9 kΩ
D
OUT+,
D
OUT−
±7
±9.0
±10
V
V
O
Output Voltage
R
L = ∞ or RL = 3.9 kΩ
±4.5
±5.25
V
V
OD1
Output Differential Voltage
R
L = 100Ω, Figure 1
4.0
6.4
|V|
V
SS
|V
OD1 −VOD1|
8.0
12.8
|V|
∆V
OD1
Output Unbalance
0.02
0.4
V
V
OS
Offset Voltage
03
V
∆V
OS
Offset Unbalance
0.05
0.4
V
V
OD2
Output Differential Voltage
RL = 140
Ω, Figure 1
6.0
7.0
|V|
I
OZD
TRI-STATE® Leakage Current
V
CC = 5.25V
V
O = +10V
2
150
µA
V
EE = −5.25V
V
O = +6V
1
100
µA
V
O = −6V
−1
−100
µA
V
O = −10V
−2
−150
µA
SINGLE ENDED DRIVER CHARACTERISTICS
V
O
Output Voltage (No Load)
R
L = ∞ or RL = 3.9 kΩ, Figure 2
D
OUT−
4
4.4
6
|V|
V
T
Output Voltage
R
L = 3kΩ, Figure 2
3.7
4.3
|V|
R
L = 450Ω, Figure 2
3.6
4.1
|V|
∆V
T
Output Unbalance
0.02
0.4
V
DRIVER CHARACTERISTICS
V
CM
Common Mode Range
Power Off, or D1 Disabled
D
OUT+,
D
OUT−
±10
V
I
OSD
Short Circuit Current
V
O = 0V, Sourcing Current
−80
−150
mA
V
O = 0V, Sinking Current
80
150
mA
I
OXD
Power-Off Leakage Current
V
O = +10V
2
150
µA
(V
CC = VEE = 0V)
V
O = +6V
1
100
µA
V
O = −6V
−1
−100
µA
V
O = −10V
−2
−150
µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com