Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4S561633C-RBL Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4S561633C-RBL
Description  16Mx16 SDRAM 54CSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S561633C-RBL Datasheet(HTML) 2 Page - Samsung semiconductor

  K4S561633C-RBL Datasheet HTML 1Page - Samsung semiconductor K4S561633C-RBL Datasheet HTML 2Page - Samsung semiconductor K4S561633C-RBL Datasheet HTML 3Page - Samsung semiconductor K4S561633C-RBL Datasheet HTML 4Page - Samsung semiconductor K4S561633C-RBL Datasheet HTML 5Page - Samsung semiconductor K4S561633C-RBL Datasheet HTML 6Page - Samsung semiconductor K4S561633C-RBL Datasheet HTML 7Page - Samsung semiconductor K4S561633C-RBL Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
K4S561633C-R(B)L/N/P
Rev. 1.4 Dec. 2002
CMOS SDRAM
• 3.0V & 3.3V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1 & 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• DQM for masking
• Auto refresh.
• 64ms refresh period (8K cycle).
• Commercial Temperature Operation (-25
°C ~ 70°C).
Extended Temperature Operation ( -25
°C ~ 85°C).
Inderstrial Temperature Operation ( -40
°C ~ 85°C).
• 54balls CSP (-RXXX - Pb, -BXXX - Pb Free)
FEATURES
GENERAL DESCRIPTION
4M x 16Bit x 4 Banks Synchronous DRAM in 54CSP
FUNCTIONAL BLOCK DIAGRAM
The K4S561633C is 268,435,456 bits synchronous high data rate
Dynamic RAM organized as 4 x 4,196,304 words by 16 bits, fabri-
cated with SAMSUNG's high performance CMOS technology. Syn-
chronous design allows precise cycle control with the use of
system clock and I/O transactions are possible on every clock
cycle. Range of operating frequencies, programmable burst length
and programmable latencies allow the same device to be useful for
a variety of high bandwidth, high performance memory system
applications.
Bank Select
Data Input Register
4M x 16
4M x 16
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
L(U)DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
4M x 16
4M x 16
Timing Register
* Samsung Electronics reserves the right to change products or specification without notice.
ORDERING INFORMATION
-R(B)L ; Low Power, Operating Temp : -25
°C ~ 70°C.
-R(B)N ; Low Power, Operating Temp : -25
°C ~ 85°C.
-R(B)P : Low Power, Operating Temp : -40
°C ~ 85°C.
Note :
1. In case of 40MHz Frequency, CL1 can be supported.
Part No.
Max Freq.
Interface Package
K4S561633C-R(B)L/N/P75
133MHz(CL=3)
105MHz(CL=2)
LVCMOS
54 CSP
Pb
(Pb Free)
K4S561633C-R(B)L/N/P1H
105MHz(CL=2)
K4S561633C-R(B)L/N/P1L
105MHz(CL=3)*1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com