Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C21 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS89C21
Description  Differential CMOS Line Driver and Receiver Pair
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS89C21 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS89C21 Datasheet HTML 1Page - National Semiconductor (TI) DS89C21 Datasheet HTML 2Page - National Semiconductor (TI) DS89C21 Datasheet HTML 3Page - National Semiconductor (TI) DS89C21 Datasheet HTML 4Page - National Semiconductor (TI) DS89C21 Datasheet HTML 5Page - National Semiconductor (TI) DS89C21 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS89C21
Differential CMOS Line Driver and Receiver Pair
General Description
The DS89C21 is a differential CMOS line driver and receiver
pair, designed to meet the requirements of TIA/EIA-422-A
(RS-422) electrical characteristics interface standard. The
DS89C21 provides one driver and one receiver in a mini-
mum footprint. The device is offered in an 8-pin SOIC pack-
age.
The CMOS design minimizes the supply current to 6 mA,
making the device ideal for use in battery powered or power
conscious applications.
The driver features a fast transition time specified at 2.2 ns,
and a maximum differential skew of 2 ns making the driver
ideal for use in high speed applications operating above
10 MHz.
The receiver can detect signals as low as 200 mV, and also
incorporates hysteresis for noise rejection. Skew is specified
at 4 ns maximum.
The DS89C21 is compatible with TTL and CMOS levels (DI
and RO).
Features
n Meets TIA/EIA-422-A (RS-422) and CCITT V.11
recommendation
n LOW POWER design — 15 mW typical
n Guaranteed AC parameters:
— Maximum driver skew 2.0 ns
— Maximum receiver skew 4.0 ns
n Extended temperature range:
−40˚C to +85˚C
n Available in SOIC packaging
n Operates over 20 Mbps
n Receiver OPEN input failsafe feature
Connection Diagram
Truth Tables
Driver
Input
Outputs
DI
DO
DO*
HH
L
LL
H
Receiver
Inputs
Output
RI–RI*
RO
V
DIFF ≥ +200 mV
H
V
DIFF ≤ −200 mV
L
OPEN†
H
†Non-terminated
DS011753-1
Order Number DS89C21TM
See NS Package Number M08A
June 1998
© 1998 National Semiconductor Corporation
DS011753
www.national.com


Similar Part No. - DS89C21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS89C21 TI2-DS89C21 Datasheet
460Kb / 16P
DS89C21 Differential CMOS Line Driver and Receiver Pair
REVISED APRIL 2013
DS89C21TM TI1-DS89C21TM Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS89C21TM/NOPB TI1-DS89C21TM/NOPB Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS89C21TM/NOPB TI2-DS89C21TM/NOPB Datasheet
460Kb / 16P
DS89C21 Differential CMOS Line Driver and Receiver Pair
REVISED APRIL 2013
DS89C21TM/NOPB.A TI2-DS89C21TM/NOPB.A Datasheet
460Kb / 16P
DS89C21 Differential CMOS Line Driver and Receiver Pair
REVISED APRIL 2013
More results

Similar Description - DS89C21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
Differential Line Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com