Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA381 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA381
Description  Precision, Low Power, 18MHz Transimpedance Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA381 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA381 Datasheet HTML 9Page - Texas Instruments OPA381 Datasheet HTML 10Page - Texas Instruments OPA381 Datasheet HTML 11Page - Texas Instruments OPA381 Datasheet HTML 12Page - Texas Instruments OPA381 Datasheet HTML 13Page - Texas Instruments OPA381 Datasheet HTML 14Page - Texas Instruments OPA381 Datasheet HTML 15Page - Texas Instruments OPA381 Datasheet HTML 16Page - Texas Instruments OPA381 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OPA381
OPA2381
SBOS313B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
13
BOARD LAYOUT
Minimize
photodiode
capacitance
and
stray
capacitance at the summing junction (inverting input).
This capacitance causes the voltage noise of the op
amp to be amplified (increasing amplification at high
frequency). Using a low-noise voltage source to
reverse-bias a photodiode can significantly reduce its
capacitance.
Smaller
photodiodes
have
lower
capacitance. Use optics to concentrate light on a small
photodiode.
Circuit board leakage can degrade the performance of
an otherwise well-designed amplifier. Clean the circuit
board carefully. A circuit board guard trace that
encircles the summing junction and is driven at the
same voltage can help control leakage. See Figure 11.
Guard ring
R
F
V
OUT
OPA381
λ
Figure 11. Connection of Input Guard
OTHER WAYS TO MEASURE SMALL
CURRENTS
Logarithmic amplifiers are used to compress extremely
wide dynamic range input currents to a much narrower
range. Wide input dynamic ranges of 8 decades, or
100pA to 10mA, can be accommodated for input to a
12-bit ADC. (Suggested products: LOG101, LOG102,
LOG104, LOG112.)
Extremely small currents can be accurately measured
by integrating currents on a capacitor.
(Suggested
product: IVC102.)
Low-level currents can be converted to high-resolution
data words. (Suggested product: DDC112.)
For further information on the range of products
available, search www.ti.com using the above specific
model names or by using keywords transimpedance
and logarithmic.
CAPACITIVE LOAD AND STABILITY
The OPA381 series op amps can drive greater than
100pF pure capacitive load. Increasing the gain
enhances the amplifier’s ability to drive greater
capacitive loads. See the Phase Margin vs Load
Capacitance typical characteristic curve.
One method of improving capacitive load drive in the
unity-gain configuration is to insert a 10
Ω to 20Ω
resistor inside the feedback loop, as shown in
Figure 12. This reduces ringing with large capacitive
loads while maintaining DC accuracy.
OPA381
V
OUT
V
B
(1)
V+
R
F
R
S
20
Ω
C
F
(3)
λ
NOTES: (1) V
B = GND or pedestal voltage to reverse bias the photodiode.
(2) V
PD =GND or −5V.
(3) C
F xRF ≥ 2CL xRS.
C
L
R
L
V
PD
(2)
V
−
Figure 12. Series Resistor in Unity-Gain Buffer
Configuration Improves Capacitive Load Drive
DRIVING 16-BIT ANALOG-TO-DIGITAL
CONVERTERS (ADC)
The OPA381 series is optimized for driving a 16-bit ADC
such as the ADS8325. The OPA381 op amp buffers the
converter input capacitance and resulting charge
injection while providing signal gain. Figure 13 shows
the OPA381 in a single-ended method of interfacing the
ADS8325 16-bit, 100kSPS ADC. For additional
information, refer to the ADS8325 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com