Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA445AP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445AP
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA445AP Datasheet(HTML) 2 Page - Texas Instruments

  OPA445AP Datasheet HTML 1Page - Texas Instruments OPA445AP Datasheet HTML 2Page - Texas Instruments OPA445AP Datasheet HTML 3Page - Texas Instruments OPA445AP Datasheet HTML 4Page - Texas Instruments OPA445AP Datasheet HTML 5Page - Texas Instruments OPA445AP Datasheet HTML 6Page - Texas Instruments OPA445AP Datasheet HTML 7Page - Texas Instruments OPA445AP Datasheet HTML 8Page - Texas Instruments OPA445AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply
±50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential Input Voltage
±80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Range
|
±VS| − 3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range: M
−65
°C to +150°C
. . . . . . . . . . . . . .
P, U, DDA
−55
°C to +125°C
. . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Output Short-Circuit to Ground (TJ < +125°C)
Continuous
. . . . . .
Junction Temperature: M
+175
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature: P, U, DDA
+150
°C
. . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA445AP
DIP-8
P
OPA445AP
OPA445AU
SO-8 Surface-Mount
D
OPA445AU
OPA445ADDA
SO-8 PowerPAD
DDA
OPA445
OPA445BM
TO-99 8-Pin
LMC
OPA445BM
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com