Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA561 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA561
Description  High-Current, High-Speed OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA561 Datasheet(HTML) 2 Page - Texas Instruments

  OPA561 Datasheet HTML 1Page - Texas Instruments OPA561 Datasheet HTML 2Page - Texas Instruments OPA561 Datasheet HTML 3Page - Texas Instruments OPA561 Datasheet HTML 4Page - Texas Instruments OPA561 Datasheet HTML 5Page - Texas Instruments OPA561 Datasheet HTML 6Page - Texas Instruments OPA561 Datasheet HTML 7Page - Texas Instruments OPA561 Datasheet HTML 8Page - Texas Instruments OPA561 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
OPA561
SBOS206E − DECEMBER 2001 − REVISED FEBRUARY 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V− to V+
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Range
(V−) −0.4V to (V+) + 0.5V
. . . . . . . . . . . . . . .
Input Shutdown Voltage
(V−) −0.4V to (V−) + 0.5V
. . . . . . . . . . . .
Operating Temperature
−40
°C to +125°C
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas In-
struments recommends that all integrated circuits be han-
dled with appropriate precautions. Failure to observe prop-
er handling and installation procedures can cause
damage.
ESD damage can range from subtle performance
degradation
to
complete
device
failure.
Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause the
device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
OPA561PWP
HTSSOP-20
PWP
−40
°C to +125°C
OPA561
OPA561PWP
Rails, 70
OPA561PWP
HTSSOP-20
PWP
−40
°C to +125°C
OPA561
OPA561PWP/2K
Tape and Reel, 2000
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this document, or see the TI web site at www.ti.com.
ELECTRICAL CHARACTERISTICS
BOLDFACE limits apply over the specified temperature range, TA = −40°C to +125°C.
At TCASE = +25°C, VS = 15V, load connected to VS/2, and E/S enabled, unless otherwise noted.
OPA561
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
VS = 12V
Input Offset Voltage
VOS
VCM = 0V
±1
±20
mV
vs Temperature
dVOS/dT
±50
µV/°C
vs Power Supply
PSRR
VCM = 0V, VS = 7V to 16V
25
150
µV/V
INPUT BIAS CURRENT(1)
Input Bias Current
IB
VCM = 0V
10
100
pA
Input Offset Current
IOS
VCM = 0V
10
100
pA
NOISE
Input Voltage Noise Density
en
f = 1kHz
83
nV/
√Hz
f = 10kHz
32
nV/
√Hz
f = 100kHz
14
nV/
√Hz
Current Noise
in
f = 1kHz
4
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
Linear Operation
(V−) − 0.1
(V+) − 3
V
Common-Mode Rejection Ratio
CMRR
VS = 15V, VCM = (V−) − 0.1V to (V+) − 3V
70
80
dB
INPUT IMPEDANCE
Differential
1.8
S 1011 || 10
Ω || pF
Common-Mode
1.8
S 1011 || 18.5
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = 10VPP, RL = 5Ω
80
100
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
RL = 5Ω
17
MHz
Slew Rate
SR
G = 1, 10V Step, RL = 5Ω
50
V/
µs
Full-Power Bandwidth
G = +2, VOUT = 10Vp-p
1
MHz
Settling Time:
±0.1%
G = −1, 10V Step
1
µs
Total Harmonic Distortion + Noise
THD+N
f = 1kHz, RL = 5Ω, G = +2, VO = 10VPP
0.02
%
f = 1MHz
3
%
(1) High-speed test at TJ = +25°C.
(2) See text for more information on current limit accuracy.
(3) Transient load transition time must be ≥ 200ns.
(4) 402kΩ pull-up resistor to V+ can be used to permanently enable the OPA561.
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com