Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS764 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS764
Description  Fully Integrated, Hall-Effect Based Current Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS764 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS764 Datasheet HTML 1Page - Allegro MicroSystems ACS764 Datasheet HTML 2Page - Allegro MicroSystems ACS764 Datasheet HTML 3Page - Allegro MicroSystems ACS764 Datasheet HTML 4Page - Allegro MicroSystems ACS764 Datasheet HTML 5Page - Allegro MicroSystems ACS764 Datasheet HTML 6Page - Allegro MicroSystems ACS764 Datasheet HTML 7Page - Allegro MicroSystems ACS764 Datasheet HTML 8Page - Allegro MicroSystems ACS764 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Fully Integrated, Hall-Effect Based Current Sensor IC with I2C
Digital Output and Low-Resistance Current Conductor
ACS764
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
7V
Forward ¯F¯¯A¯¯¯U¯¯L¯¯T¯ Pin Voltage
VFAULT
24
V
DC Forward Voltage (A0, A1, FREEZE
pins)
VFDCx
7V
DC Reverse Voltage (VCC, A0, A1,
¯F¯¯A¯¯¯U¯¯L¯¯T¯, FREEZE pins)
VRDCx
–0.5
V
Operating Ambient Temperature
TA
X temperature range
–20 to 125
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 165
ºC
Selection Guide
Part Number
Packing*
Operating Ambient
Temperature,TA
(°C)
Optimized
Current Sensing
Range
(A)
Optimized
Nominal Resolution
(mA/LSB)
ACS764XLFTR-32AU-T
Tape and reel, 2500 pieces/reel
–20 to 125
32
62.62
ACS764XLFTR-16AU-T
Tape and reel, 2500 pieces/reel
–20 to 125
16
31.31
*Contact Allegro™ for additional packing options.
• Less than 0.5 mΩ series resistance greatly reduces power
dissipation and heat generation
• Factory programmed temperature compensation stabilizes
sensitivity and offset voltage throughout the operating
temperature range
• 16 programmable I2C addresses
• Unidirectional DC current sensing and reporting
• Immunity to stray magnetic fields simplifies PCB layout
Features and Benefits (continued)
Thermal Characteristics
Characteristic
Symbol
Test Conditions
Value
Unit
Steady State Package Thermal Resistance
RθJA
Tested with 30 A DC current and based on ACS764
demo board in 1 cu. ft. of still air. Please refer to product
FAQs page on Allegro website for detailed information on
ACS764 demo board.
27
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com